Electronic Components Datasheet Search
  English  ▼

X  

LV321 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LV321
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LV321 Datasheet HTML 2Page - Unisonic Technologies LV321 Datasheet HTML 3Page - Unisonic Technologies LV321 Datasheet HTML 4Page - Unisonic Technologies LV321 Datasheet HTML 5Page - Unisonic Technologies LV321 Datasheet HTML 6Page - Unisonic Technologies LV321 Datasheet HTML 7Page - Unisonic Technologies LV321 Datasheet HTML 8Page - Unisonic Technologies LV321 Datasheet HTML 9Page - Unisonic Technologies LV321 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LV321
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 10
www.unisonic.com.tw
QW-R105-036.E
T Y PI CAL CH ARACT ERI ST I CS (Cont .)
Non-Inverting Large Signal Pulse
Response
Time (1µs/div)
Non-Inverting Large Signal Pulse
Response
Time (1µs/div)
TA = 25°
С
TA = 85°
С
Non-Inverting Large Signal Pulse
Response
Time (1µs/div)
Non-Inverting Small Signal Pulse
Response
Time (1µs/div)
TA = -40°
С
TA = 25°
С
Non-Inverting Small Signal Pulse
Response
Non-Inverting Small Signal Pulse
Response
TA = 85°
С
TA = -40°
С
Time (1µs/div)
Time (1µs/div)
TA= 25°
С
TA= -40°
С
TA= 85°
С



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com