Electronic Components Datasheet Search
  English  ▼

X  

S15KC Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S15KC
Description  15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S15KC Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S15KC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Version: A1601
PART NO.
SUFFIX
H
3,000 / 13" Plastic reel
3,000 / 13" Paper reel
850 / 7" Plastic reel
S15MCHR7G
SMC
Note 1: "xx" defines voltage from 400V (S15GC) to 1000V (S15MC)
EXAMPLE
EXAMPLE P/N
DESCRIPTION
HR7
G
AEC-Q101 qualified
Green compound
PACKING CODE
S15xC
(Note 1)
R7
PACKING CODE
SUFFIX
M6
PACKING
G
SMC
R6
SMC
S15GC - S15MC
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
S15MC
PART NO.
SUFFIX
0
5
10
15
20
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
Resistive or
inductive load
0
50
100
150
200
250
300
350
400
450
500
1
10
100
NUMBER OF CYCLES AT 60 HZ
FIG. 2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
0
204060
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=125°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com