Electronic Components Datasheet Search
  English  ▼

X  

S15KC Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S15KC
Description  15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S15KC Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S15KC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S15KC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S15GC - S15MC
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High surge current capability
- Halogen-free according to IEC 61249-2-21
Molding compound: UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Version: A1601
Peak forward surge current
8.3 ms single half sine-wave
350
1000
280
420
560
700
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
- 55 to +150
1
250
- 55 to +150
400
600
800
1000
400
600
800
93
S15JC
S15KC
1.1
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Weight:
0.27 g (approximately)
Case:
DO-214AB (SMC)
Maximum average forward rectified current
Polarity:
Indicated by cathode band
VF
Moisture sensitivity level (MSL): level 1, per J-STD-020
FEATURES
μA
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
S15GC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
15
S15MC
Taiwan Semiconductor
MECHANICAL DATA
Typical thermal resistance
44
°C/W
DO-214AB (SMC)
IR
Typical junction capacitance (Note 2)
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Maximum DC blocking voltage
V
A
Maximum instantaneous forward voltage (Note 1)
IF= 15 A
8
IFSM
Note 1: Pulse test with PW=300μs, 1% duty cycle
Operating junction temperature range
Storage temperature range


Similar Part No. - S15KC

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S15K YENYO-S15K Datasheet
655Kb / 2P
Surface Mount Standard Rectifier
logo
Taiwan Semiconductor Co...
S15KLW TSC-S15KLW Datasheet
470Kb / 5P
1.5A, 200V - 1000V Surface Mount Rectifiers
logo
Switchcraft, Inc.
S15KS SWITCH-S15KS Datasheet
214Kb / 1P
15 AMP SEALED PLUG, RoHS
Rev. A
logo
DONGGUAN YOU FENG WEI E...
S15KW YFWDIODE-S15KW Datasheet
77Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S15KW SEMIPOWER-S15KW Datasheet
121Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S15KC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC_14 Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K Datasheet
204Kb / 4P
15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
15A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com