Electronic Components Datasheet Search
  English  ▼

X  

F72 Datasheet(PDF) 1 Page - AVX Corporation

Part # F72
Description  Low Profile and HiCV Conformal Coated Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F72 Datasheet(HTML) 1 Page - AVX Corporation

  F72 Datasheet HTML 1Page - AVX Corporation F72 Datasheet HTML 2Page - AVX Corporation F72 Datasheet HTML 3Page - AVX Corporation F72 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
172
051718
F72/F75 Series
Low Profile and HiCV Conformal Coated Chip
FEATURES
• Compliant to the RoHS2 directive 2011/65/EU
• SMD Conformal
• Small and low profile
APPLICATIONS
• Smartphone
• Mobile phone
• Wireless module
• Hearing aid
LEAD-FREE COMPATI-
BLE
COMPONENT
L
W
B
A
H
D
Solder electrode
L
W
H
D
B
A
F72
F75
AQ2
Single
Facing
Electrode
F72
Type
1A
Rated
Voltage
107
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
R
Case
Size
See
table
above
HOW TO ORDER
Packaging
See Tape & Reel
Packaging Section
AQ2
Single
Facing
Electrode
F75
Type
1C
Rated
Voltage
157
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
D
Case
Size
See
table
above
Packaging
See Tape & Reel
Packaging Section
*D dimension only for reference
Category Temperature Range:
-55 to +125°C
Rated Temperature:
+85°C
Capacitance Tolerance:
±20%, ±10% at 120Hz
Dissipation Factor:
Refer to next page
ESR 100kHz:
Refer to next page
Leakage Current:
After 1 minute’s application of rated voltage, leakage current at 20°C
is not more than 0.01CV or 0.5μA, whichever is greater.
After 1 minute’s application of rated voltage, leakage current at 85°C
is not more than 0.1CV or 5μA, whichever is greater.
After 1 minute’s application of derated voltage, leakage current at 125°C
is not more than 0.125CV or 6.3μA, whichever is greater.
Capacitance Change By Temperature
+15% Max. at +125°C
+10% Max. at +85°C
-10% Max. at -55°C
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
Code EIA Code EIA Metric
L
W
H
A
B
D*
F72 Case Dimensions
M
2824
7260-20
7.20±0.30
6.00±0.30
2.00 Max.
1.30±0.40
3.80±0.60
6.20
(0.283±0.012)
(0.236±0.012)
(0.079 Max)
(0.051±0.016)
(0.150±0.024) (0.244)
R
2824
7260-15
7.20±0.30
6.00±0.30
1.20±0.30
1.30±0.40
3.80±0.60
6.20
(0.283±0.012)
(0.236±0.012)
(0.047±0.012)
(0.051±0.016)
(0.150±0.024) (0.244)
F75 Case Dimensions
C
2813
7132-28
7.10±0.30
3.20±0.30
2.50±0.30
1.30±0.30
3.60±0.60
6.00
(0.280±0.012)
(0.126±0.012)
(0.098±0.012)
(0.051±0.012)
(0.142±0.024) (0.236)
D
2914
7343-31
7.30±0.30
4.30±0.30
2.80±0.30
1.30±0.40
3.90±0.60
6.40
(0.287±0.012)
(0.136±0.012)
(0.110±0.012)
(0.051±0.016)
(0.153±0.024) (0.252)
M
2824
7260-28
7.20±0.30
6.00±0.30
2.80 Max.
1.30±0.40
3.80±0.60
6.20
(0.283±0.012)
(0.236±0.012)
(0.110 Max)
(0.051±0.016)
(0.150±0.024) (0.244)
R
2824
7260-38
7.20±0.30
6.00±0.30
3.50±0.30
1.30±0.40
3.80±0.60
6.20
(0.283±0.012)
(0.236±0.012)
(0.138±0.012)
(0.051±0.016)
(0.150±0.024) (0.244)
U
2813
7132-20
7.10±0.30
3.20±0.30
2.00 Max.
1.30±0.30
3.60±0.60
6.00
(0.280±0.012)
(0.126±0.012)
(0.079 Max)
(0.051±0.012)
(0.142±0.024) (0.236)


Similar Part No. - F72

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
F7202 VBSEMI-F7202 Datasheet
255Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Nichicon corporation
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MRC NICHICON-F720G107MRC Datasheet
65Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G157MR NICHICON-F720G157MR Datasheet
85Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G157MRC NICHICON-F720G157MRC Datasheet
65Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F72

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D VISHAY-592D Datasheet
201Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
20-Oct-04
591D VISHAY-591D Datasheet
146Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
22-Nov-04
572D VISHAY-572D Datasheet
121Kb / 4P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
15-May-06
logo
Bi technologies
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
07-Jan-08
592D VISHAY-592D_08 Datasheet
142Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
22-Aug-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
25-Jun-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
572D VISHAY-572D_17 Datasheet
931Kb / 20P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
23-Nov-17
592W VISHAY-592W Datasheet
257Kb / 15P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated
12-Apr-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com