Electronic Components Datasheet Search
  English  ▼

X  

MM1065HT Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1065HT
Description  Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1065HT Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1065HT Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165
Load fluctuation rate
Input fluctuation rate
Output voltage characteristic
Output voltage temperature characteristic
I/O voltage difference
No-load input current
Output current (mA)
0
20
40
60
80
100
100
200
300
400
VIN=4.6V
Input voltage (V)
0
24
6
8
10
20
15
10
5
25
IO=0mA
Output current (mA)
020
40
60
80
100
-20
-10
10
VIN=6V
0
Input voltage (V)
6
789
10
11
4
2
0
-2
IO=40mA
Characteristics
Input voltage (V)
02
4
6
8
10
8
6
4
2
10
IO=40mA
Temperature (°C)
-25
0
25
50
75
100
4.90
4.95
5.00
5.05
VIN=6V, IO=40mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com