Electronic Components Datasheet Search
  English  ▼

X  

MM1065HT Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1065HT
Description  Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1065HT Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1065HT Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165
Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
Monolithic ICs MM1065 and 1165
Outline
These ICs are stabilized power supply devices with ultra-low consumption currents, designed for a greatly
reduced reactive current at low input voltages, and with a small input/output difference voltage of 0.2V at an
output current of 40mA. The output current is limited to a maximum of 100mA, and in the MMP-4A package,
an on/off pin enables the device to be switched on and off.
Features
1. Input/output voltage difference
0.2V typ. (IO=40mA)
2. No-load input current
13µA typ.
3. Maximum reactive current at low input voltages
15µA typ. (no-load)
4. Maximum output current
100mA max.
5. Temperature coefficient of output voltage
±0.01%/°C typ.
6. Output voltage ranks
MM1065, 1165
F : 6.0V±4%
G : 5.0V±4%
H : 4.5V±4%
I : 4.0V±4%
J : 3.0V±4%
Z : 3.3V±4%
7. With overcurrent protection circuit
8. With thermal shutdown circuit
9. With function to turn output on and off
(MMP-4A package only)
Package
TO-92A (MM1065
T, MM1165
T)
MMP-4A (MM1065
M, MM1165
M)
*The output voltage rank appears in the boxes.
Applications
1. Handheld computers
2. Portable transceivers
3. Cordless phones
4. Other portable equipment which uses batteries
On/Off Pin Level
Low
High
MM1065 output
ON
OFF
MM1165 output
OFF
ON


Similar Part No. - MM1065HT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM106 WEITRON-MM106 Datasheet
161Kb / 3P
Surface Mount Schottky Diodes
MM106 WEITRON-MM106 Datasheet
209Kb / 3P
Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
No-adjustment Sync Separator Sync Detector
MM1068 MITSUMI-MM1068 Datasheet
138Kb / 5P
No-adjustment Sync Separator Monolithic IC
MM1068XS MITSUMI-MM1068XS Datasheet
138Kb / 5P
No-adjustment Sync Separator Monolithic IC
More results

Similar Description - MM1065HT

ManufacturerPart #DatasheetDescription
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1215 MITSUMI-MM1215 Datasheet
103Kb / 5P
Low-Saturation Three-Pin Regulators with Externally Mounted Power Transistor
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
Microminiature Low-Power Consumption Low-Saturation Regulator
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
Ultra low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com