Electronic Components Datasheet Search
  English  ▼

X  

AP3211 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3211
Description  1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3211 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3211 Datasheet HTML 3Page - Diodes Incorporated AP3211 Datasheet HTML 4Page - Diodes Incorporated AP3211 Datasheet HTML 5Page - Diodes Incorporated AP3211 Datasheet HTML 6Page - Diodes Incorporated AP3211 Datasheet HTML 7Page - Diodes Incorporated AP3211 Datasheet HTML 8Page - Diodes Incorporated AP3211 Datasheet HTML 9Page - Diodes Incorporated AP3211 Datasheet HTML 10Page - Diodes Incorporated AP3211 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP3211
Document number: DS41396 Rev. 2 - 2
7 of 11
www.diodes.com
September 2018
© Diodes Incorporated
AP3211
Performance Characteristics (Cont. T
A = +25º
C, VIN = 12V, VEN = 5V, VOUT = 3.3V, unless otherwise noted.)
Over Voltage Protection (IOUT=1.5A)
Over Voltage Recovery (IOUT=1.5A)
VFB
500mV/div
VOUT
2V/div
IL
1A/div
VSW
10V/div
Time (200
ms/div)
Time (20
ms/div)
VFB
500mV/div
VOUT
2V/div
IL
1A/div
VSW
10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com