Electronic Components Datasheet Search
  English  ▼

X  

AP3211 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3211
Description  1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3211 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3211 Datasheet HTML 1Page - Diodes Incorporated AP3211 Datasheet HTML 2Page - Diodes Incorporated AP3211 Datasheet HTML 3Page - Diodes Incorporated AP3211 Datasheet HTML 4Page - Diodes Incorporated AP3211 Datasheet HTML 5Page - Diodes Incorporated AP3211 Datasheet HTML 6Page - Diodes Incorporated AP3211 Datasheet HTML 7Page - Diodes Incorporated AP3211 Datasheet HTML 8Page - Diodes Incorporated AP3211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3211
Document number: DS41396 Rev. 2 - 2
3 of 11
www.diodes.com
September 2018
© Diodes Incorporated
AP3211
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
Input Pin Voltage
-0.3 to 20
V
VEN
EN Pin Voltage
-0.3 to VIN+0.3
V
VSW
SW Pin Voltage
21
V
VBS
Bootstrap Pin Voltage
-0.3 to VSW+6
V
VFB
Feedback Pin Voltage
-0.3 to 6V
V
θ
JA
Thermal Resistance
220
ºC/W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
–
ESD (Human Body Model)
2000
V
–
ESD (Machine Model)
200
V
Note 1: Stresses greater
than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
18
V
IOUT (MAX)
Maximum Output Current
1.5
–
A
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com