Electronic Components Datasheet Search
  English  ▼

X  

AP3407 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3407
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3407 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3407 Datasheet HTML 1Page - Diodes Incorporated AP3407 Datasheet HTML 2Page - Diodes Incorporated AP3407 Datasheet HTML 3Page - Diodes Incorporated AP3407 Datasheet HTML 4Page - Diodes Incorporated AP3407 Datasheet HTML 5Page - Diodes Incorporated AP3407 Datasheet HTML 6Page - Diodes Incorporated AP3407 Datasheet HTML 7Page - Diodes Incorporated AP3407 Datasheet HTML 8Page - Diodes Incorporated AP3407 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP3407/A
Document number: DS37553 Rev. 2 - 2
5 of 10
www.diodes.com
May 2016
© Diodes Incorporated
AP3407/A
200
400
600
800
1000
1200
40
45
50
55
60
65
70
75
80
85
90
95
100
Output Current (mA)
V
IN
=3.3V
V
OUT
=2.5V
2
3
4
5
6
72
80
88
96
Input Voltage (V)
V
OUT
=2.5V
I
OUT
=0.5A
I
OUT
=1.0A
200
400
600
800
1000
1200
2.47
2.48
2.49
2.50
2.51
Output Current (mA)
V
IN
=3.3V
V
OUT
=2.5V
Performance Characteristics
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Output Voltage vs. Output Current
Frequency vs. Input Voltage
Frequency vs. Temperature
Feedback Voltage vs. Temperature
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
1.3
1.4
1.5
1.6
1.7
1.8
Input Voltage (V)
I
OUT
=300mA
-40
0
40
80
120
160
1.2
1.3
1.4
1.5
1.6
1.7
Temperature (
OC)
V
IN
=3.3V
V
OUT
=2.5V
-40
0
40
80
120
160
0.57
0.58
0.59
0.60
0.61
0.62
Temperature (
OC)
V
IN
=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com