Electronic Components Datasheet Search
  English  ▼

X  

AP3407 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3407
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3407 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3407 Datasheet HTML 1Page - Diodes Incorporated AP3407 Datasheet HTML 2Page - Diodes Incorporated AP3407 Datasheet HTML 3Page - Diodes Incorporated AP3407 Datasheet HTML 4Page - Diodes Incorporated AP3407 Datasheet HTML 5Page - Diodes Incorporated AP3407 Datasheet HTML 6Page - Diodes Incorporated AP3407 Datasheet HTML 7Page - Diodes Incorporated AP3407 Datasheet HTML 8Page - Diodes Incorporated AP3407 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP3407/A
Document number: DS37553 Rev. 2 - 2
1 of 10
www.diodes.com
May 2016
© Diodes Incorporated
AP3407/A
1.2A, 1.4MHZ HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Description
The AP3407/A is a 1.4MHz fixed frequency, current mode, PWM
synchronous buck (step-down) DC-DC converter, capable of driving a
1.2A load with high efficiency, excellent line and load regulation. The
device integrates synchronous P-channel and N-channel power
MOSFET switches with low on-resistance. It is ideal for powering
portable equipment that runs from a single Li-ion battery.
A standard series of inductors are available from several different
manufacturers optimized for use with the AP3407/A. This feature
greatly simplifies the design of switch-mode power supplies.
The AP3407/A is available in SOT-23-5.
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage: 0.6V to VIN
ADJ Output
Fixed 1.4MHz Frequency
High Efficiency up to 95%
Output Current: 1.2A
Current Mode Control
100% Duty Cycle in Dropout
Built-in Over Current Protection
Built-in Short Circuit Protection
Built-in Thermal Shutdown Protection
Built-in UVLO Function
Built-in Soft-start
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
5
EN
GND
SW
FB
VIN
SOT-23-5 for AP3407
(Top View)
1
2
3
4
5
VIN
GND
EN
SW
FB
SOT-23-5 for AP3407A
Applications
Datacom
Portable Device
Smart Phone
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html fo
r more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP3407/A-ADJ
L
COUT
C
IN
V
IN
R2
R1
VOUT
4.7F
2.2
H
22F
EN
VIN
SW
FB
GND


Similar Part No. - AP3407

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
A POWER MICROELECTRONIC...
AP3407AI-L APME-AP3407AI-L Datasheet
697Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
logo
BCD Semiconductor Manuf...
AP3407AKTR-G1 BCDSEMI-AP3407AKTR-G1 Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
A POWER MICROELECTRONIC...
AP3407BI APME-AP3407BI Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
AP3407CI APME-AP3407CI Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP3407

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
High efficiency 5V DC/DC buck converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com