Electronic Components Datasheet Search
  English  ▼

X  

AP3409 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3409
Description  HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3409 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3409 Datasheet HTML 1Page - Diodes Incorporated AP3409 Datasheet HTML 2Page - Diodes Incorporated AP3409 Datasheet HTML 3Page - Diodes Incorporated AP3409 Datasheet HTML 4Page - Diodes Incorporated AP3409 Datasheet HTML 5Page - Diodes Incorporated AP3409 Datasheet HTML 6Page - Diodes Incorporated AP3409 Datasheet HTML 7Page - Diodes Incorporated AP3409 Datasheet HTML 8Page - Diodes Incorporated AP3409 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3409/A
Document number: DS36789 Rev. 2 - 2
2 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP3409/A
A Product Line of
Diodes Incorporated
Typical Applications Circuit (Note 4)
SHDN/RT
GND
SW
PGND
COMP
FB
VDD
PVDD
VIN
5V
ROSC 330k
L1 2.0
mH
CIN
22
mF
C1
22pF
COUT
22
mF ×2
R1
510k
R2 240k
CCOMP 1000pF
RCOMP 30k
VOUT
2.5V/3A
Typical Application of AP3409
SHDN/RT
GND
SW
PGND
COMP
FB
PGOOD
VDD
(PVDD)
VIN
5V
ROSC 330k
L1 2.0
mH
CIN
22
mF
C1
22pF
COUT
22
mF ×2
R1
510k
R2 240k
CCOMP 1000pF
RCOMP 30k
VOUT
2.5V/3A
R4
100k
Typical Application of AP3409A
Notes 4:
2
)
2
1
(
R
R
R
V
V
FB
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com