Electronic Components Datasheet Search
  English  ▼

X  

AP3409 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3409
Description  HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3409 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3409 Datasheet HTML 1Page - Diodes Incorporated AP3409 Datasheet HTML 2Page - Diodes Incorporated AP3409 Datasheet HTML 3Page - Diodes Incorporated AP3409 Datasheet HTML 4Page - Diodes Incorporated AP3409 Datasheet HTML 5Page - Diodes Incorporated AP3409 Datasheet HTML 6Page - Diodes Incorporated AP3409 Datasheet HTML 7Page - Diodes Incorporated AP3409 Datasheet HTML 8Page - Diodes Incorporated AP3409 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3409/A
Document number: DS36789 Rev. 2 - 2
3 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP3409/A
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
AP3409
AP3409A
1
1
SHDN/RT
Oscillator resistor input. Connect a resistor to GND from this pin to set the
switching frequency. Forcing this pin to VDD to shutdown the device
2
2
GND
Signal ground. All small-signal ground, such as the compensation
components and exposed pad should be connected to this, which in turn
connects to PGND at one point
3, 4
3, 4
SW
Internal power switch output. Connect this pin with one terminal of the
inductor
5
5
PGND
Power ground. Connect this pin as close as possible to CIN and COUT
6, 7
6
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor
8
7
VDD
Signal input supply. Decouple this pin to GND with a capacitor. Normally
VDD is equal to VPVDD
–
8
PGOOD
Power good indicator. This pin is open-drain logic output that is pulled to
ground when the output voltage is not within ±12.5% of regulation point
9
9
FB
Feedback voltage. This pin is the inverting input of internal error amplifier.
It senses the converter output voltage through an external resistor
divider. The internal reference voltage is 0.8V, which determines the
output voltage through the resistor divider
10
10
COMP
Compensation input. This pin is the output of internal error amplifier.
Connect external compensation elements to this pin to stabilize the
control loop
Functional Block Diagram
SD
Oscillator
SUM
CS
0.8V
EA
OCP
Control
Logic
OTP
UVLO
VREF
0.4V
SHDN/RT
PVDD
SW
GND
PGND
VDD
FB
COMP
1
2
10
3, 4
5
6, 7
8
9
PWM
Clamp
SS
DC
Functional Block Diagram of AP3409



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com