Electronic Components Datasheet Search
  English  ▼

X  

AP3419 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3419
Description  2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3419 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP3419 Datasheet HTML 1Page - Diodes Incorporated AP3419 Datasheet HTML 2Page - Diodes Incorporated AP3419 Datasheet HTML 3Page - Diodes Incorporated AP3419 Datasheet HTML 4Page - Diodes Incorporated AP3419 Datasheet HTML 5Page - Diodes Incorporated AP3419 Datasheet HTML 6Page - Diodes Incorporated AP3419 Datasheet HTML 7Page - Diodes Incorporated AP3419 Datasheet HTML 8Page - Diodes Incorporated AP3419 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP3419
Document number: DS36543 Rev. 3 - 2
8 of 9
www.diodes.com
August 2015
© Diodes Incorporated
AP3419
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: TSOT26
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: TSOT26
TSOT26
Dim
Min
Max Typ
A

1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
0°
8°
4°
θ1
4°
12°
All Dimensions in mm
Dimensions Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
Y1
C
C
X (6x)
Y (6x)
c
A1
L
E1
E
A2
D
e1
e
6x b
4x 1

L2
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com