Electronic Components Datasheet Search
  English  ▼

X  

AP3419 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3419
Description  2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3419 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3419 Datasheet HTML 1Page - Diodes Incorporated AP3419 Datasheet HTML 2Page - Diodes Incorporated AP3419 Datasheet HTML 3Page - Diodes Incorporated AP3419 Datasheet HTML 4Page - Diodes Incorporated AP3419 Datasheet HTML 5Page - Diodes Incorporated AP3419 Datasheet HTML 6Page - Diodes Incorporated AP3419 Datasheet HTML 7Page - Diodes Incorporated AP3419 Datasheet HTML 8Page - Diodes Incorporated AP3419 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP3419
Document number: DS36543 Rev. 3 - 2
3 of 9
www.diodes.com
August 2015
© Diodes Incorporated
AP3419
Functional Block Diagram
1M OSC
SLOPE COMP
FREQ
SHIFT
0.6V REF
S
R
Q
_
Q
EA
_
+
SWITCHING
LOGIC AND
BLOCKING
CIRCUIT
ANTI-
SHOOT
THRU
PWM
COMP
_
+
+
IAMP
FB
EN
VIN
LX
GND
VIN
SHUTDOWN
____
OSC
6
1
4
3
2
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 6
V
VEN
EN Pin Voltage
-0.3 to VIN+0.3
V
VLX
LX Pin Voltage
-0.3 to VIN+0.3
V
VFB
Feedback Pin Voltage
-0.3 to VIN+0.3
V
θJA
Thermal Resistance (Junction to Ambient)
220
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 5 sec)
+300
°C
VMM
ESD (Machine Model)
200
V
VHBM
ESD (Human Body Model)
2000
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com