Electronic Components Datasheet Search
  English  ▼

X  

AP3429 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3429
Description  1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3429 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3429 Datasheet HTML 3Page - Diodes Incorporated AP3429 Datasheet HTML 4Page - Diodes Incorporated AP3429 Datasheet HTML 5Page - Diodes Incorporated AP3429 Datasheet HTML 6Page - Diodes Incorporated AP3429 Datasheet HTML 7Page - Diodes Incorporated AP3429 Datasheet HTML 8Page - Diodes Incorporated AP3429 Datasheet HTML 9Page - Diodes Incorporated AP3429 Datasheet HTML 10Page - Diodes Incorporated AP3429 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP3429/A
Document number: DS36561 Rev. 3 - 2
8 of 11
www.diodes.com
August 2015
© Diodes Incorporated
AP3429/A
Application Information
Typical application circuit is shown in the application circuit and for the circuit parameters setting please refers to the following descriptions.
Under Voltage Lockout (UVLO) Circuit
The AP3429/A provides an under voltage lockout circuit to prevent it from undefined status. When the VIN drops lower than the UVLO detector
threshold, the UVLO circuit starts to operate, VREF stops, and high-side and low-side built-in switch transistors turn “OFF”. As a result, VOUT drops
according to the COUT capacitance value and the load. When the VIN is rising higher than UVLO released voltage, the IC will restart the operation.
Over Current Protection
The AP3429/A has internal over current protection function to protect from catastrophic failures. The IC can monitor the PMOS current, if the peak
current is higher than the current limit threshold, OCP function will be triggered and enter cycle by cycle current limit mode. If VFB drops under
0.3V for example, output node shorted to GND, AP3429 will enter latch off mode. IC will turn off both power switches. It will remain latch off state
until the VIN or Enable recycled to release it. AP3429A will enter hiccup mode to protect itself, if short circuit is removed, and VFB rises over 0.3V,
the AP3429A recovers to normal operation again.
Over Voltage Protection
The AP3429 has internal output OVP circuits. When VOUT is exceeds 120% of the regulation level for more than 40µs, the power switching will be
turned off. IC enter latch off mode and will restart until VIN or Enable voltage recycled.
Over Temperature Protection
The internal thermal temperature protection circuitry of AP3429/A is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When the junction temperature exceeds +160°C, it shuts down the internal control circuit and switching power
MOSFET. The AP3429/A will restart automatically under the control of soft start circuit when the junction temperature decreases to +130°C.
Input Over Voltage Protection
When input voltage of AP3429/A is near 6.25V, the IC will enter Input-Over-Voltage-Protection. It would be shut down and there will be no output
voltage in this state. As the input voltage goes down below 6V, it will leave input OVP and recover the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com