Electronic Components Datasheet Search
  English  ▼

X  

AP3429 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3429
Description  1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3429 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3429 Datasheet HTML 1Page - Diodes Incorporated AP3429 Datasheet HTML 2Page - Diodes Incorporated AP3429 Datasheet HTML 3Page - Diodes Incorporated AP3429 Datasheet HTML 4Page - Diodes Incorporated AP3429 Datasheet HTML 5Page - Diodes Incorporated AP3429 Datasheet HTML 6Page - Diodes Incorporated AP3429 Datasheet HTML 7Page - Diodes Incorporated AP3429 Datasheet HTML 8Page - Diodes Incorporated AP3429 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3429/A
Document number: DS36561 Rev. 3 - 2
3 of 11
www.diodes.com
August 2015
© Diodes Incorporated
AP3429/A
Functional Block Diagram
1M OSC
SLOPE COMP
FREQ
SHIFT
0.6V REF
S
R
Q
_
Q
EA
_
+
SWITCHING
LOGIC AND
BLOCKING
CIRCUIT
ANTI-
SHOOT
THRU
PWM
COMP
_
+
+
IAMP
FB
EN
VIN
LX
GND
VIN
SHUTDOWN
____
OSC
OVP
_
+
120% REF
5
1
3
4
2
Function Block Diagram of AP3429
1M OSC
SLOPE COMP
FREQ
SHIFT
0.6V REF
S
R
Q
_
Q
EA
_
+
SWITCHING
LOGIC AND
BLOCKING
CIRCUIT
ANTI-
SHOOT
THRU
PWM
COMP
_
+
+
IAMP
FB
EN
VIN
LX
GND
VIN
SHUTDOWN
____
OSC
5
1
3
4
2
Function Block Diagram of AP3429A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com