Electronic Components Datasheet Search
  English  ▼

X  

AP3502F Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3502F
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3502F Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3502F Datasheet HTML 2Page - Diodes Incorporated AP3502F Datasheet HTML 3Page - Diodes Incorporated AP3502F Datasheet HTML 4Page - Diodes Incorporated AP3502F Datasheet HTML 5Page - Diodes Incorporated AP3502F Datasheet HTML 6Page - Diodes Incorporated AP3502F Datasheet HTML 7Page - Diodes Incorporated AP3502F Datasheet HTML 8Page - Diodes Incorporated AP3502F Datasheet HTML 9Page - Diodes Incorporated AP3502F Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP3502F
Document number: DS41525 Rev. 2 - 2
6 of 11
www.diodes.com
October 2018
© Diodes Incorporated
AP3502F
Electrical Characteristics (Cont. T
A=+25º
C, VIN=VEN=12V, VOUT=3.3V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
AEA
Error Amplifier Voltage Gain (Note 2)
_
_
400
_
V/V
GEA
Error Amplifier Transconductance
_
_
800
_
μA/V
GCS
COMP to Current Sense
Transconductance
_
_
3.5
_
A/V
THERMAL SHUTDOWN
TOTSD
Thermal Shutdown (Note 2)
_
_
+160
_
ºC
THYS
Thermal Shutdown Hysteresis (Note 2)
_
_
+30
_
ºC
SOFT START (SS PIN)
tSS
Soft-start Time (Note 2)
CSS=0.1μF
_
15
_
ms
_
Soft-start Current
VSS=0V
_
6
_
μA
Notes:
2. Not tested, guaranteed by design.
3.
RDSON=
SW2
SW1
SW2
SW1
I
-
I
V
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com