Electronic Components Datasheet Search
  English  ▼

X  

AP3502F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3502F
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3502F Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3502F Datasheet HTML 1Page - Diodes Incorporated AP3502F Datasheet HTML 2Page - Diodes Incorporated AP3502F Datasheet HTML 3Page - Diodes Incorporated AP3502F Datasheet HTML 4Page - Diodes Incorporated AP3502F Datasheet HTML 5Page - Diodes Incorporated AP3502F Datasheet HTML 6Page - Diodes Incorporated AP3502F Datasheet HTML 7Page - Diodes Incorporated AP3502F Datasheet HTML 8Page - Diodes Incorporated AP3502F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP3502F
Document number: DS41525 Rev. 2 - 2
1 of 11
www.diodes.com
October 2018
© Diodes Incorporated
AP3502F
34kHZ SYNCHRONOUS DC-DC BUCK CONVERTER
Description
The AP3502F is a 340kHz fixed frequency, current mode, PWM
synchronous buck (step-down) DC-DC converter, capable of driving a
2A load with high efficiency, excellent line and load regulation. The
device integrates N-channel power MOSFET switches with low on-
resistance. Current mode control provides fast transient response and
cycle-by-cycle current limit.
The AP3502F employs complete protection to ensure system
security, including output Over Voltage Protection, input Under
Voltage LockOut, programmable soft-start, and Over Temperature
Protection.
This IC is available in SOIC-8 package.
Features
Input Voltage Range: 4.5V to 18V
Fixed 340kHz Frequency
High Efficiency: up to 95%
Output Current: 2A
Current Mode Control
Built-In Over Current Protection
Built-In Thermal Shutdown Function
Built-In UVLO Function
Built-In Over Voltage Protection
Programmable Soft-start
Pin Assignments
(Top View)
SOIC-8
Applications
LCD TV
Set Top Box
Portable DVD
Digital Photo Frame
1
2
3
4
8
7
6
5
BS
IN
SW
GND
FB
COMP
EN
SS


Similar Part No. - AP3502F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
BCD Semiconductor Manuf...
AP3502EM-G1 BCDSEMI-AP3502EM-G1 Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Diodes Incorporated
AP3502EM-G1 DIODES-AP3502EM-G1 Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
BCD Semiconductor Manuf...
AP3502EMTR-G1 BCDSEMI-AP3502EMTR-G1 Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
More results

Similar Description - AP3502F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 4
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6503 DIODES-AP6503_17 Datasheet
551Kb / 16P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 7
AP6503A DIODES-AP6503A_17 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3406 HMSEMI-HM3406 Datasheet
285Kb / 13P
Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com