Electronic Components Datasheet Search
  English  ▼

X  

AP4306 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4306 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP4306 Datasheet HTML 1Page - Diodes Incorporated AP4306 Datasheet HTML 2Page - Diodes Incorporated AP4306 Datasheet HTML 3Page - Diodes Incorporated AP4306 Datasheet HTML 4Page - Diodes Incorporated AP4306 Datasheet HTML 5Page - Diodes Incorporated AP4306 Datasheet HTML 6Page - Diodes Incorporated AP4306 Datasheet HTML 7Page - Diodes Incorporated AP4306 Datasheet HTML 8Page - Diodes Incorporated AP4306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP4306
Document number: DS36792 Rev. 2 - 2
5 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4306
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VCC=5V, T
A=+25C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
ICC
Total Supply Current
Not Including the Output Sinking
TA=25
oC
–
0.5
1
mA
-40
oC<T
A <+105
oC
–
0.6
–
VOLTAGE CONTROL LOOP
Gmv
Transconduction Gain (VCTRL).
Sink Current Only
TA=25
oC
1
3.5
–
mA/mV
-40
oC<T
A <+105
oC
–
2.5
–
VREF
Voltage Control Loop Reference
A Version
TA=+25
oC
1.198
1.21
1.222
V
-40
oC<T
A <+105
oC
1.162
1.258
B, C Versions
TA=+25
oC
1.204
1.21
1.216
-40
oC<T
A <+105
oC
1.186
–
1.234
IIBV
Input Bias Current (VCTRL)
TA=+25
oC
–
50
–
nA
-40
oC<T
A <+105
oC
–
100
–
CURRENT CONTROL LOOP
Gmi
Transconduction
Gain
(ICTRL).
Sink
Current Only
TA=+25
oC
1.5
7
–
mA/mV
-40
oC<T
A <+105
oC
1.5
7
–
VSENSE
Current Control Loop Reference
A Version
TA=+25
oC
66.5
70
73.5
mV
-40
oC<T
A <+105
oC
63
77
B Version
TA=+25
oC
97
100
103
-40
oC<T
A <+105
oC
94
106
C Version
TA=+25
oC
147
150
153
-40
oC<T
A <+105
oC
143
157
IIBI
Current Out of Pin ICTRL at VSENSE
A Version
TA=+25
oC
–
18
–
μA
-40
oC<T
A <+105
oC
–
35
–
B Version
TA=+25
oC
–
25
–
-40
oC<T
A <+105
oC
–
50
–
C Version
TA=+25
oC
–
37.5
–
-40
oC<T
A <+105
oC
–
75
–
OUTPUT STAGE
VOL
Low Output Voltage at 10mA
Sinking Current
TA=+25
oC
–
100
–
mV
-40
oC<T
A <+105
oC
–
100
–
IOS
Output Short Circuit Current.
Output to VCC. Sink Current Only
TA=+25
oC
–
27
50
mA
-40
oC<T
A <+105
oC
–
35
–
Thermal Impedance
Symbol
Parameters
Value
Unit
θ
JC
Thermal Resistance (Junction to Case)
84
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com