Electronic Components Datasheet Search
  English  ▼

X  

AP4306 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP4306
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4306 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP4306 Datasheet HTML 2Page - Diodes Incorporated AP4306 Datasheet HTML 3Page - Diodes Incorporated AP4306 Datasheet HTML 4Page - Diodes Incorporated AP4306 Datasheet HTML 5Page - Diodes Incorporated AP4306 Datasheet HTML 6Page - Diodes Incorporated AP4306 Datasheet HTML 7Page - Diodes Incorporated AP4306 Datasheet HTML 8Page - Diodes Incorporated AP4306 Datasheet HTML 9Page - Diodes Incorporated AP4306 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP4306
Document number: DS36792 Rev. 2 - 2
6 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4306
A Product Line of
Diodes Incorporated
Performance Characteristics
AP4306 VREF vs. Ambient Temperature
AP4306A VSENSE vs. Ambient Temperature
AP4306B VSENSE vs. Ambient Temperature
AP4306C VSENSE vs. Ambient Temperature
AP4306 IIBV vs. Ambient Temperature
AP4306 IIBI vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
64
66
68
70
72
74
76
Ambient Temperature (
oC)
V
CC
=2.5V
V
CC
=5V
V
CC
=18V
-40
-20
0
20
40
60
80
100
120
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
Ambient Temperature (
oC)
2.5V<V
CC
<18V
-40
-20
0
20
40
60
80
100
120
95
96
97
98
99
100
101
102
103
104
105
Ambient Temperature (
oC)
V
CC
=2.5V
V
CC
=5V
V
CC
=18V
-40
-20
0
20
40
60
80
100
120
145
146
147
148
149
150
151
152
153
154
155
Ambient Temperature (
oC)
V
CC
=2.5V
V
CC
=5V
V
CC
=18V
-40
-20
0
20
40
60
80
100
120
0
20
40
60
80
Ambient Temperature (
oC)
V
CC
=2.5V
V
CC
=5V
V
CC
=18V
-60
-40
-20
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Ambient Temperature (
oC)
AP4306A
AP4306B
AP4306C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com