Electronic Components Datasheet Search
  English  ▼

X  

AP43761 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP43761
Description  3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43761 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP43761 Datasheet HTML 1Page - Diodes Incorporated AP43761 Datasheet HTML 2Page - Diodes Incorporated AP43761 Datasheet HTML 3Page - Diodes Incorporated AP43761 Datasheet HTML 4Page - Diodes Incorporated AP43761 Datasheet HTML 5Page - Diodes Incorporated AP43761 Datasheet HTML 6Page - Diodes Incorporated AP43761 Datasheet HTML 7Page - Diodes Incorporated AP43761 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP43761
Document number: DS38416 Rev. 3 - 2
2 of 8
www.diodes.com
March 2018
© Diodes Incorporated
AP43761
Pin Descriptions
Pin Number
Pin Name
Function
1, 2
VIN
Connected to DFP output voltage as IC power supplier and integrated PMOSFET input
3
CC1
Type-C Configuration Channel
4
CC2
Type-C Configuration Channel
5, 6
GND
Ground Return
7, 8
VBUS
Connected to Type-C connector VBUS pins
Functional Block Diagram
Logic
VLRd3A
VHRd3A
VLRd3A
VHRd3A
Current
Generator
VREF
VIN OV/UV
Detection
OTP Detection
OSC
Timer
OV
OT
Power_OK
+
-
+
-
+
-
+
-
GND
CC2
CC1
VIN
VBUS
RVIN_DRV
1, 2
3
4
5, 6
7, 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com