Electronic Components Datasheet Search
  English  ▼

X  

AP43761 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43761
Description  3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43761 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43761 Datasheet HTML 1Page - Diodes Incorporated AP43761 Datasheet HTML 2Page - Diodes Incorporated AP43761 Datasheet HTML 3Page - Diodes Incorporated AP43761 Datasheet HTML 4Page - Diodes Incorporated AP43761 Datasheet HTML 5Page - Diodes Incorporated AP43761 Datasheet HTML 6Page - Diodes Incorporated AP43761 Datasheet HTML 7Page - Diodes Incorporated AP43761 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP43761
Document number: DS38416 Rev. 3 - 2
3 of 8
www.diodes.com
March 2018
© Diodes Incorporated
AP43761
Absolute Maximum Ratings (Note 4)
Note 4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other c
onditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Electrical Characteristics (VIN = 5V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
VCC Startup Threshold
–
3.4
3.7
4.0
V
VOPR(MIN)
VCC Minimal Operating Voltage
–
2.7
3.0
3.3
V
STANDBY CURRENT SECTION
ICC
Operating Current
CC1/CC2 Open
–
90
–
μA
Controller SECTION
V
LRd3A
Low Voltage Threshold Used to Distinguish Rd
Attached or Detached for 3A Advertisement
–
0.75
0.8
0.85
V
V
HRd3A
High Voltage Threshold Used to Distinguish Rd
Attached or Detached for 3A Advertisement
–
2.45
2.60
2.75
V
I
Rd3A
CC1/CC2 Current Source for 3A Advertisement
–
304
330
356
µA
t
CC_DEBOUNCE
Port Attachment Detection Debounce Time
–
100
150
200
ms
t
PD_DEBOUNCE
Port Detachment Detection Debounce Time
–
10
15
20
ms
PMOSFET SECTION
RSWITCH_ON
Switch Turn-on Resistance
VIN=4.5V, IBUS=4A
–
–
15
mΩ
V
DRVL
PMOSFET Low Driving Voltage
–
0
–
0.5
V
RVIN_DRV
Resister Between VIN And Internal Drive Pin
–
12
15
18
KΩ
Protection SECTION
VOVP
VIN Over Voltage Protection (OVP) Trigger
Voltage
–
5.8
5.9
6.0
V
VHYS
VIN OVP Hysteresis Voltage
–
–
0.3
–
V
TOTP
OTP Trigger Temperature
–
–
+135
–
°C
THYS
OTP Hysteresis Temperature
–
–
+115
–
°C
Symbol
Parameter
Rating
Unit
VIN/ VBUS/VCC1/VCC2
VIN/ VBUS/CC1/CC2 Voltage
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
165
°C/W
ESD
ESD (Human Body Model)
8000
V
ESD (Machine Model)
400
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com