Electronic Components Datasheet Search
  English  ▼

X  

APR345 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR345
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR345 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR345 Datasheet HTML 1Page - Diodes Incorporated APR345 Datasheet HTML 2Page - Diodes Incorporated APR345 Datasheet HTML 3Page - Diodes Incorporated APR345 Datasheet HTML 4Page - Diodes Incorporated APR345 Datasheet HTML 5Page - Diodes Incorporated APR345 Datasheet HTML 6Page - Diodes Incorporated APR345 Datasheet HTML 7Page - Diodes Incorporated APR345 Datasheet HTML 8Page - Diodes Incorporated APR345 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
APR345
Document number: DS38010 Rev. 5 - 2
5 of 11
www.diodes.com
June 2016
© Diodes Incorporated
APR345
Synchronous Rectification Principle Description
SR MOSFET Turn on
APR345 determines the synchronous rectification MOSFET turning on time by monitoring the MOSFET drain-to-source voltage. For both of DCM
and CCM operation, the turning on principle is same. When the drain voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a
positive drive voltage after a turn-on delay time (tDON). The MOSFET will turn on and the current will transfer from the body diode into the
MOSFET’s channel. Since of parasitic parameter, the voltage on MOSFET drain pin has moderate voltage ringing at this moment, which maybe
impact on SR controller VDET voltage sense and bring about turning off fault. To avoid fault situation happening, a Minimum On Time (tONMIN)
blanking period is used that will maintain the power MOSFET on for a minimum amount of time.
In Figure 1, the turn on blanking time tONMIN is to prevent the MOSFET drain-to-source voltage ringing affect. During this time, the VDRISR is pulled
up to VCC; after tONMIN, the drive voltage stops be pulled up by the driver, and begins to drop; when VDRISR drops to VDRI_HOLD, it will be held at this
voltage until be pulled down.
DCM Turn off Operation
The DCM operation of the SR is described with timing diagram shown in Figure 1.
In the process of drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn off
threshold voltage VTHOFF, APR345 pulls the drive signal down after a turn-off delay (tDOFF).
I,V
t
t
IS
VDET
VDRI_HIGH
VTHON
VTHOFF
tDON
tDOFF
0
0
1V
tONMIN
0.9VDRI_HOLD
VDRI_HOLD
Figure 1. Typical Waveforms of APR345 in DCM
CCM Turn off Operation
The CCM pin is used to sense trigger signal for turning off the SR MOSFET before primary switch turning on in Continuous Conduction Mode
(CCM) system. After tONMIN, if the CCM pin voltage rises over the threshold voltage VTHCCM, the drive voltage will be pulled down after a short delay
time tDCCM to turn off SR MOSFET. The CCM pin senses trigger signal coming from primary switch turn on signal through a RC networks circuit, a
Y
–type isolating capacitor C
CCM, two resistors R2 and R3. Note variations of these resistors, of CCCM, and of the dV/dt across CCCM require that
worst-case tolerances be taken into account when determining the minimum value of CCCM. For example, the value of this resistor will impact the
rise time of CCM voltage. The bigger resistor, the slower the CCM voltage rises.
The zener diode ZD1 is used for ESD test.
The value of CY should be much higher than that of CCCM. If necessary, increase the value of CY to ensure that CY >> CCCM; do not decrease CCCM.
CY is the main common-mode capacitance between the primary and the secondary sides of the system. This is usually a discrete component,
whose value ranges from 47pF to 2200pF. Aside from any EMI-control purposes, it also serves as the return path for the CCM signal charging and
discharging current pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com