Electronic Components Datasheet Search
  English  ▼

X  

APR345 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR345
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR345 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR345 Datasheet HTML 1Page - Diodes Incorporated APR345 Datasheet HTML 2Page - Diodes Incorporated APR345 Datasheet HTML 3Page - Diodes Incorporated APR345 Datasheet HTML 4Page - Diodes Incorporated APR345 Datasheet HTML 5Page - Diodes Incorporated APR345 Datasheet HTML 6Page - Diodes Incorporated APR345 Datasheet HTML 7Page - Diodes Incorporated APR345 Datasheet HTML 8Page - Diodes Incorporated APR345 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APR345
Document number: DS38010 Rev. 5 - 2
1 of 11
www.diodes.com
June 2016
© Diodes Incorporated
APR345
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Description
APR345 is a secondary side MOSFET driver for synchronous
rectification, supports CCM, DCM and Quasi-Resonant Flyback
Topologies.
The synchronous rectification can effectively reduce the secondary
side rectifier power dissipation and provide high performance solution.
By sensing primary MOSFET gate-to-source voltage, APR345 can
output ideal drive signal with less external components. It can provide
high performance solution for 5V to 12V output voltage application.
The APR345 is available in SOT26 package.
Features
Synchronous Rectification for CCM, DCM Operation Flyback
Eliminate Resonant Ring Interference
Fewest External Components
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
AREF
DRISR
VDET
GND
VCC
CCM
1
2
3
4
5
Pin 1 Mark
6
SOT26
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems,
MP3 and Other Portable Apparatus
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Primary
Control
IC
APR345
1
4
6
3
5
AREF
GND
CCM
VDET
DRISR
VCC
2
D1
R1
R2
R3
R24
RAREF
CCCM
CY
C24
CAREF
Q1
Q2
ZD1
ZD2
R23


Similar Part No. - APR345

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR34509 DIODES-APR34509 Datasheet
412Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34509MPTR-G1 DIODES-APR34509MPTR-G1 Datasheet
412Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR345

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
Secondary Side Synchronous Rectification Controller IC
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR348 DIODES-APR348 Datasheet
377Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com