Electronic Components Datasheet Search
  English  ▼

X  

APR346 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR346
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR346 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APR346 Datasheet HTML 2Page - Diodes Incorporated APR346 Datasheet HTML 3Page - Diodes Incorporated APR346 Datasheet HTML 4Page - Diodes Incorporated APR346 Datasheet HTML 5Page - Diodes Incorporated APR346 Datasheet HTML 6Page - Diodes Incorporated APR346 Datasheet HTML 7Page - Diodes Incorporated APR346 Datasheet HTML 8Page - Diodes Incorporated APR346 Datasheet HTML 9Page - Diodes Incorporated APR346 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
APR346
Document number: DS38999 Rev. 6 - 2
6 of 11
www.diodes.com
May 2018
© Diodes Incorporated
APR346
Synchronous Rectification Principle Description (Cont.)
t
t
VCCM
VDRISR
VTH_CCM
0
0
t
0.9VDRI_HOLD
tDCCM
VGATE_PRIMARY
0
VDRI_HOLD
Figure 2. Typical Turn off Waveforms of APR346 in CCM
Minimum On Time
When the controlled MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer blanks the VTHOFF comparator and
CCM comparator, keeping the controlled MOSFET on for at least the minimum on time. During the minimum on time, the turn off threshold (DCM
and CCM) is totally blanked.
The Value and Meaning of AREF Resistor
As to DCM operation Flyback converter, after secondary rectifier stops conduction, the primary MOSFET Drain-to-source ringing waveform is
resulted from the resonant of primary inductance and equivalent switch device output capacitance. This ringing waveform probably leads to
Synchronous Rectifier error conduction. To avoid this fault happening, the APR346 has a special function design by means of volt-second product
detecting. From the sensed voltage of VDET pin to see, the volt-second product of voltage above VCC at primary switch on time is much higher
than the volt-second product of each cycle ringing voltage above VCC. Therefore, before every time Synchronous Rectifier turning on, the APR346
judges if the detected volt-second product of VDET voltage above VCC is higher than a threshold and then turn on synchronous Rectifier. The
purpose of AREF resistor is to determine the volt-second product threshold. The APR346 has a parameter, KQS, which converts RAREF value to
volt-second product,
QS
AREF
K
*
R
2 
Area
In general, Area1 and Area3 value depend on system design and are always fixed after system design frozen. As to
Diodes Incorporated’s PSR
design, the Area1 value changes with primary peak current value and Area3 value generally keeps constant at all of conditions. So the AREF
resistor design should consider the worst case, the minimum primary peak current condition. Since of system design parameter distribution, Area1
and Area3 have moderate tolerance. So Area2 should be designed between the middle of Area1 and Area3 to keep enough design margin.
Note: To keep the volt-second product threshold stable, a capacitor is suggested to parallel with AREF resistor. And the recommended value of
this capacitor is 20nF.
Area1
K
*
3
Area
QS
AREF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com