Electronic Components Datasheet Search
  English  ▼

X  

APR346 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR346
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR346 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR346 Datasheet HTML 1Page - Diodes Incorporated APR346 Datasheet HTML 2Page - Diodes Incorporated APR346 Datasheet HTML 3Page - Diodes Incorporated APR346 Datasheet HTML 4Page - Diodes Incorporated APR346 Datasheet HTML 5Page - Diodes Incorporated APR346 Datasheet HTML 6Page - Diodes Incorporated APR346 Datasheet HTML 7Page - Diodes Incorporated APR346 Datasheet HTML 8Page - Diodes Incorporated APR346 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APR346
Document number: DS38999 Rev. 6 - 2
1 of 11
www.diodes.com
May 2018
© Diodes Incorporated
APR346
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Description
The APR346 is a secondary side MOSFET driver for synchronous
rectification, supports CCM, DCM and Quasi-Resonant Flyback
Topologies.
The synchronous rectification can effectively reduce the secondary
side rectifier power dissipation and provide high performance solution.
By sensing primary MOSFET gate-to-source voltage, the APR346
can output ideal drive signal with less external components. It can
provide high performance solution for 5V to 20V output voltage
application.
The APR346 is available in SOT26 package.
Features
Synchronous Rectification for CCM, DCM Operation Flyback
Eliminate Resonant Ring Interference
Fewest External Components
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
AREF
DRISR
VDET
GND
VCC
CCM
1
2
3
4
5
Pin 1 Mark
6
SOT26
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems,
MP3 and Other Portable Apparatus
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Primary
Control
IC
APR346
1
4
6
3
5
AREF
GND
CCM
VDET
DRISR
VCC
2
D1
R1
R2
R3
RAREF
CCCM
CY
C24
CAREF
Q1
Q2
ZD1
ZD2


Similar Part No. - APR346

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR340W6-7 DIODES-APR340W6-7 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR3415 DIODES-APR3415 Datasheet
548Kb / 13P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150 DIODES-APR34150 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
APR34150MTRG1 DIODES-APR34150MTRG1 Datasheet
449Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
Rev erse
More results

Similar Description - APR346

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
Secondary Side Synchronous Rectification
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
Secondary Side Synchronous Rectification Controller IC
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR348 DIODES-APR348 Datasheet
377Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com