Electronic Components Datasheet Search
  English  ▼

X  

ADP3158 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3158
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3158 Datasheet(HTML) 5 Page - Analog Devices

  ADP3158 Datasheet HTML 1Page - Analog Devices ADP3158 Datasheet HTML 2Page - Analog Devices ADP3158 Datasheet HTML 3Page - Analog Devices ADP3158 Datasheet HTML 4Page - Analog Devices ADP3158 Datasheet HTML 5Page - Analog Devices ADP3158 Datasheet HTML 6Page - Analog Devices ADP3158 Datasheet HTML 7Page - Analog Devices ADP3158 Datasheet HTML 8Page - Analog Devices ADP3158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
ADP3158/ADP3178
–5–
VID0
VID1
VID2
VID3
LRFB1
LRDRV1
CS–
CS+
GND
DRVH
DRVL
VCC
LRFB2
LRDRV2
COMP
CT
100
100nF
1 F
ADP3158/
ADP3178
100nF
12V
1.2V
4-BIT CODE
VCS–
AD820
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+
+
Figure 1. Closed Loop Output Voltage Accuracy
Test Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VID0
VID1
VID2
VID3
LRFB1
LRDRV1
CS–
CS+
GND
DRVH
DRVL
VCC
LRFB2
LRDRV2
COMP
CT
10nF
1 F
100nF
VCC
VLR1
10nF
VLR2
ADP3158/
ADP3178
+
Figure 2. Linear Regulator Output Voltage Accuracy
Test Circuit
THEORY OF OPERATION
The ADP3158 and ADP3178 use a current-mode, constant off-
time control technique to switch a pair of external N-channel
MOSFETs in a synchronous buck topology. Constant off-time
operation offers several performance advantages, including that
no slope compensation is required for stable operation. A unique
feature of the constant off-time control technique is that since
the off-time is fixed, the converter’s switching frequency is a
function of the ratio of input voltage to output voltage. The
fixed off-time is programmed by the value of an external capaci-
tor connected to the CT pin. The on-time varies in such a way
that a regulated output voltage is maintained as described below
in the cycle-by-cycle operation. The on-time does not vary under
fixed input supply conditions, and it varies only slightly as a
function of load. This means that the switching frequency remains
fairly constant in a standard computer application.
Active Voltage Positioning
The output voltage is sensed at the CS– pin. A voltage error
amplifier, (gm), amplifies the difference between the output
voltage and a programmable reference voltage. The reference
voltage is programmed to between 1.3 V and 2.05 V by an inter-
nal 4-bit DAC that reads the code at the voltage identification
(VID) pins. (Refer to Table I for output voltage vs. VID pin code
information.) A unique supplemental regulation technique called
Analog Devices Optimal Positioning Technology (ADOPT)
adjusts the output voltage as a function of the load current so it
is always optimally positioned for a load transient. Standard
(passive) voltage positioning, sometimes recommended for use
with other architectures, has poor dynamic performance which
renders it ineffective under the stringent repetitive transient
conditions specified in Intel VRM documents. Consequently,
such techniques do not allow the minimum possible number of
output capacitors to be used. ADOPT, as used in the ADP3158
and ADP3178, provides a bandwidth for transient response that
is limited only by parasitic output inductance. This yields opti-
mal load transient response with the minimum number of output
capacitors.
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regulated),
the voltage error amplifier and the current comparator are the
main control elements. During the on-time of the high-side
MOSFET, the current comparator monitors the voltage between
the CS+ and CS– pins. When the voltage level between the two
pins reaches the threshold level, the DRVH output is switched
to ground, which turns off the high-side MOSFET. The timing
capacitor CT is then charged at a rate determined by the off-
time controller. While the timing capacitor is charging, the DRVL
output goes high, turning on the low-side MOSFET. When the
voltage level on the timing capacitor has charged to the upper
threshold voltage level, a comparator resets a latch. The output
of the latch forces the low-side drive output to go low and the
high-side drive output to go high. As a result, the low-side switch
is turned off and the high-side switch is turned on. The sequence
is then repeated. As the load current increases, the output voltage
starts to decrease. This causes an increase in the output of the
voltage-error amplifier, which, in turn, leads to an increase in
the current comparator threshold, thus tracking the load cur-
rent. To prevent cross conduction of the external MOSFETs,
feedback is incorporated to sense the state of the driver output
pins. Before the low-side drive output can go high, the high-side
drive output must be low. Likewise, the high-side drive output is
unable to go high while the low-side drive output is high.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 20% greater than the
targeted value, the controller IC will turn on the lower MOSFET,
which will current-limit the source power supply or blow its fuse,
pull down the output voltage, and thus save the microprocessor
from destruction. The crowbar function releases at approxi-
mately 50% of the nominal output voltage. For example, if the
output is programmed to 1.5 V, but is pulled up to 1.85 V or
above, the crowbar will turn on the lower MOSFET. If in this
case the output is pulled down to less than 0.75 V, the crowbar
will release, allowing the output voltage to recover to 1.5 V if
the fault condition has been removed.
On-board Linear Regulator Controllers
The ADP3158 and ADP3178 include two linear regulator con-
trollers to provide a low cost solution for generating additional
supply rails. In the ADP3158, these regulators are internally set
to 2.5 V (LR1) and 1.8 V (LR2) with
±2.5% accuracy. The
ADP3178 is designed to allow the outputs to be set externally
using a resistor divider. The output voltage is sensed by the high
input impedance LRFB(x) pin and compared to an internal
fixed reference.
The LRDRV(x) pin controls the gate of an external N-channel
MOSFET resulting in a negative feedback loop. The only addi-
tional components required are a capacitor and resistor for
stability. The maximum output load current is determined by
the size and thermal impedance of the external power MOSFET
that is placed in series with the supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com