Electronic Components Datasheet Search
  English  ▼

X  

ADP3158 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3158
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3158 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3158 Datasheet HTML 8Page - Analog Devices ADP3158 Datasheet HTML 9Page - Analog Devices ADP3158 Datasheet HTML 10Page - Analog Devices ADP3158 Datasheet HTML 11Page - Analog Devices ADP3158 Datasheet HTML 12Page - Analog Devices ADP3158 Datasheet HTML 13Page - Analog Devices ADP3158 Datasheet HTML 14Page - Analog Devices ADP3158 Datasheet HTML 15Page - Analog Devices ADP3158 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
ADP3158/ADP3178
–14–
Signal Circuitry
12. The output voltage is sensed and regulated between the
GND pin (which connects to the signal ground plane) and
the CS– pin. The output current is sensed (as a voltage)
and regulated between the CS– pin and the CS+ pin. In
order to avoid differential mode noise pickup in those sensed
signals, their loop areas should be small. Thus the CS–
trace should be routed atop the signal ground plane, and
the CS+ and CS– traces should be routed as a closely
coupled pair (CS+ should be over the signal ground plane
as well).
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead SOIC
(R-16A/SO-16)
16
9
8
1
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
0.3937 (10.00)
0.3859 (9.80)
0.050 (1.27)
BSC
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.0500 (1.27)
0.0160 (0.41)
0.0099 (0.25)
0.0075 (0.19)
13. The CS+ and CS– traces should be Kelvin-connected to
the current sense resistor so that the additional voltage drop
due to current flow on the PCB at the current sense resistor
connections does not affect the sensed voltage. It is desir-
able to have the controller IC close to the output capacitor
bank and not in the output power path, so that any voltage
drop between the output capacitors and the GND pin is
minimized, and voltage regulation is not compromised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com