Electronic Components Datasheet Search
  English  ▼

X  

BP365 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BP365
Description  65 Watt Photovoltaic Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BP365 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BP365 Datasheet HTML 1Page - List of Unclassifed Manufacturers BP365 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP 365 I-V Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
010
20
30
Voltage (V)
t=0C
t=25C
t=50C
t=75C
Quality and Safety
Module power measurements calibrated to World Radiometric Reference through
ESTI (European Solar Test Installation at Ispra, Italy)
Manufactured in ISO 9001-certified factories; conforms to European Community
Directives 89/33/EEC, 73/23/EEC, 93/68/EEC; certified to IEC 61215
Framed modules certified by TÜV Rheinland as Safety Class II (IEC 60364)
equipment for use in systems up to 1000 VDC
Listed by Underwriter’s Laboratories for electrical and fire safety
(Class C fire rating)
Approved by Factory Mutual Research in NEC Class 1, Division 2,
Groups C & D hazardous locations (U)
Qualification Test Parameters
Temperature cycling range
-40°C to +85°C (-40°F to 185°F)
Humidity freeze, damp heat
85% RH
Static load front and back (e.g. wind)
2,400 pa (50psf)
Front loading (e.g. snow)
5,400 pa (113psf)
Hailstone impact
25mm (1 inch) at 23 m/s (52mph)
Module Diagram
Dimensions in brackets are in inches. Un-bracketed dimensions are in millimeters. Overall tolerances ±3mm (1/8”)
Self-tapping grounding screw, instruction sheet, and warranty document included with each module.
Note: This publication summarizes product warranty and specifications, which are subject to change without notice.
Additional information may be found on our web site: www.bpsolar.com
4024-v7 04/04
BP Solar 2004
ESTI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com