Electronic Components Datasheet Search
  English  ▼

X  

BP365 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BP365
Description  65 Watt Photovoltaic Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BP365 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BP365 Datasheet HTML 1Page - List of Unclassifed Manufacturers BP365 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-efficiency photovoltaic module using silicon nitride coated multicrystalline silicon cells.
Performance
Rated power (Pmax)
65W
Nominal voltage
12V
Limited Warranty1
25 years
Configuration
BP 365U
Clear universal frame and standard J-box
Electrical Characteristics2
BP 365
Maximum power (Pmax)3
65W
Voltage at Pmax (Vmp)
17.6V
Current at Pmax (Imp)
3.69A
Warranted minimum Pmax
60W
Short-circuit current (Isc)
3.99A
Open-circuit voltage (Voc)
22.1V
Temperature coefficient of Isc
(0.065±0.015)%/ °C
Temperature coefficient of Voc
-(80±10)mV/°C
Temperature coefficient of power
-(0.5±0.05)%/ °C
NOCT (Air 20°C; Sun 0.8kW/m2 ; wind 1m/s)
47±2°C
Maximum series fuse rating
20A
Maximum system voltage
600V (U.S. NEC & IEC 61215 rating)
1000V (TÜV Rheinland rating)
Mechanical Characteristics
Dimensions
Length: 1111mm (43.7”) Width: 502mm (19.8”)
Depth: 50mm (1.97”)
Weight
7.2 kg (15.9 pounds)
Solar Cells
36 cells (114mm x 114mm) in a 4x9 matrix connected in series
Junction Box
U-Version junction box with 6-terminal connection block; IP 54, accepts PG 13.5,
M20, ½ inch conduit, or cable fittings accepting 6-12mm diameter cable.
Terminals accept 2.5 to 10mm2 (8 to 14 AWG) wire.
Diodes
Schottky by-pass diodes included, every 18 cells
Construction
Front: High-transmission 3mm (1/8th inch) tempered glass; Back: Tedlar;
Encapsulant: EVA
Frame
Clear anodized aluminum alloy type 6063T6 Universal frame; Color: silver
BP 365
65 Watt Photovoltaic Module
1. Module Warranty: 25-year limited warranty of 80% power output; 12-year limited warranty of 90% power output; 5-year limited warranty of
materials and workmanship. See your local representative for full terms of these warranties.
2. These data represent the performance of typical BP 365 products, and are based on measurements made in accordance with ASTM E1036
corrected to SRC (STC.)
3. During the stabilization process that occurs during the first few months of deployment, module power may decrease by up to 3% from
typical Pmax.
4024-v7 04/04
BP Solar 2004


Similar Part No. - BP365

ManufacturerPart #DatasheetDescription
logo
Rohm
BP3621 ROHM-BP3621 Datasheet
1Mb / 21P
13.56 MHz Wireless Charger Module
15.Sep.2021 - Rev.001
BP3622 ROHM-BP3622 Datasheet
1Mb / 21P
13.56 MHz Wireless Charger Module
15.Sep.2021 - Rev.001
logo
Faraday Technology
BP36B0235 FARADAY-BP36B0235 Datasheet
306Kb / 2P
11.0 MHz VIDEO DELAY LINES
logo
List of Unclassifed Man...
BP36V15-2U ETC2-BP36V15-2U Datasheet
483Kb / 4P
BP36V15-2U - 2U External 36V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
BP36V15-2U TRIPPLITE-BP36V15-2U Datasheet
156Kb / 2P
External 36V 2U Rack/Tower Battery Pack for select Tripp Lite UPS Systems
More results

Similar Description - BP365

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSX60 ETC2-MSX60 Datasheet
117Kb / 4P
60-Watt Multicrystalline Photovoltaic Module
logo
Kyocera Kinseki Corpota...
KS20 KSS-KS20 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
KS12 KSS-KS12 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
Tumbler Technologies + ...
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU65 RSG-PU65 Datasheet
169Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
logo
List of Unclassifed Man...
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
PHOTOVOLTAIC MODULE PX72
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
14 x 65 mm Photovoltaic fuse links
logo
ETA-USA
WRBJ-FWX ETA-USA-WRBJ-FWX Datasheet
959Kb / 5P
65 WATT AC-DC CONVERTER
logo
List of Unclassifed Man...
ATS065T-P120 ETC-ATS065T-P120 Datasheet
270Kb / 1P
65 Watt Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com