Electronic Components Datasheet Search
  English  ▼

X  

AP1518 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1518
Description  300KHz, 3A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1518 Datasheet(HTML) 4 Page - Anachip Corp

  AP1518 Datasheet HTML 1Page - Anachip Corp AP1518 Datasheet HTML 2Page - Anachip Corp AP1518 Datasheet HTML 3Page - Anachip Corp AP1518 Datasheet HTML 4Page - Anachip Corp AP1518 Datasheet HTML 5Page - Anachip Corp AP1518 Datasheet HTML 6Page - Anachip Corp AP1518 Datasheet HTML 7Page - Anachip Corp AP1518 Datasheet HTML 8Page - Anachip Corp AP1518 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1518
300KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
4/12
Electrical Characteristics (Continued)
Sym.
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
0.8
0.784/0.768
0.816/0.832
V
VMIN
VMAX
η
Efficiency
VOUT programmed for 3V
VIN = 12V, ILOAD=3A
74
%
η
Efficiency
VOUT programmed for 3.3V
VIN = 12V, ILOAD=3A
75
%
η
Efficiency
VOUT programmed for 5V
VIN = 12V, ILOAD=3A
80
%
AP1518
η
Efficiency
VOUT programmed for 12V
VIN = 16V, ILOAD = 3A
89
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com