Electronic Components Datasheet Search
  English  ▼

X  

AP1518 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1518
Description  300KHz, 3A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1518 Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1518 Datasheet HTML 3Page - Anachip Corp AP1518 Datasheet HTML 4Page - Anachip Corp AP1518 Datasheet HTML 5Page - Anachip Corp AP1518 Datasheet HTML 6Page - Anachip Corp AP1518 Datasheet HTML 7Page - Anachip Corp AP1518 Datasheet HTML 8Page - Anachip Corp AP1518 Datasheet HTML 9Page - Anachip Corp AP1518 Datasheet HTML 10Page - Anachip Corp AP1518 Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1518
300KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
7/12
Typical Application Circuit
(1) Normal Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1518
Co
Capacitor
L1
10uH
1V/ 2A
Output Load
R2
R1
Vout = VFB× (1 +
R2
R1
)
VFB = 0.8V
R2 = 1K ~ 3K
(2) Delay Start Circuit
12
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1518
Co
Capacitor
L1
10uH
1V/ 2A
Output Load
R2
R1
C
DELAY
0.1uF
10K
R
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com