Electronic Components Datasheet Search
  English  ▼

X  

APX1690 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX1690
Description  9-Set Over Voltage Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX1690 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX1690 Datasheet HTML 1Page - Anpec Electronics Coropration APX1690 Datasheet HTML 2Page - Anpec Electronics Coropration APX1690 Datasheet HTML 3Page - Anpec Electronics Coropration APX1690 Datasheet HTML 4Page - Anpec Electronics Coropration APX1690 Datasheet HTML 5Page - Anpec Electronics Coropration APX1690 Datasheet HTML 6Page - Anpec Electronics Coropration APX1690 Datasheet HTML 7Page - Anpec Electronics Coropration APX1690 Datasheet HTML 8Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Dec., 2002
APX1690
www.anpec.com.tw
4
Symbol
Parameter
Rating
Unit
VCC
Input Voltage
7
V
IN1~IN9, Reset All Input Pins
7
V
TJ
Operating Junction Temperature
-20 to 150
°C
TSTG
Storage Temperature
-65 to +150
°C
TS
Soldering Temperature (10 seconds)
260
°C
ESD
ESD Classification
2
kV
Electrical Characteristics
T
A=25°C, VCC=3V unless otherwise specified.
APX1690
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2
5V
ICC
Supply Current
40
µA
VREF
Internal Reference Voltage
0~125°C
1.477
1.500
1.523
V
t
Debounce Time
100
µS
IDRIVE
Output Drive Current
COUT=1nF
5
mA
ISINK
Output Sink Current
COUT=1nF
5
mA
ILATCH
Supply Current when Latch
30
µA
VT1
Tripped Voltage of IN1
7±2%
V
VT2
Tripped Voltage of IN2
4.5±2%
V
VT3
Tripped Voltage of IN3
4±2%
V
VT4
Tripped Voltage of IN4
3±2%
VT5
Tripped Voltage of IN5
VREF
VT6
Tripped Voltage of IN6
VREF
VT7
Tripped Voltage of IN7
VREF
VT8
Tripped Voltage of IN8
VREF
VT9
Tripped Voltage of IN9
VREF
Reset
Reset Input Signal (Active High)
0.5*VCC
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com