Electronic Components Datasheet Search
  English  ▼

X  

AX88875AP Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
15
Notes: a. PART4~0indicates partition status for each port
b. JAB4~0 indicates jabber status for each port
c. ACT4~0 indicates activity status for each port
d. RID2~0 is the ID of repeater chip
e. 10M UTI4~0 indicate global utilization rate of
f. 100M UTI4~0 indicate global utilization rate of
10Mbps for each 104.8ms sampling period.
100Mbps for each 104.8ms sampling period.
g. 10M GCOL indicate global collision
h. 100M GCOL indicate global collision
i. GPART : indicate global partition.
J. RAM FAIL : Bridge RAM test fail.
It must use external shift register to decode data on LED[2:0]. The application shows as follows:
74LS164(#1)
74LS164(#2)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
D
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
LED[0]
LED_CK
Fig - 4
Application for LED display
If the user don‘t want to show jabber status, take away the latter 74LS164(#2). The application is the
same for LED[2:1].
Simple LED display application (MODE=0)
LED display for mode 1 vs. mode 0 referance table.
Mode 1
Mode 0
Mode 1
Mode 0
Mode 1
Mode 0
NC
/PART[0]
NC
/ACT[0]
LED[0]
/UTI[0]
NC
/PART[1]
NC
/ACT[1]
LED[1]
/UTI[1]
NC
/PART[2]
NC
/ACT[2]
LED[2]
/UTI[2]
NC
/PART[3]
NC
/ACT[3]
LED_CK
/UTI[3]
NC
/PART[4]
NC
/ACT[4]
NC
/UTI[4]
NC
/UTI[5]
NC
/LCOL10
/LCOL100
/LCOL100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com