Electronic Components Datasheet Search
  English  ▼

X  

AX88875AP Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 23Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
19
Symbol
Description
Min
Typ.
Max
Units
T4
RX_CLK Clock Cycle Time
39.996
40
40.004
ns
T5
RX_CLK Clock High Time
14
20
26
ns
T6
CRS to RXE Assertion Delay
20
ns
T7
CRS to RXE De-assertion Delay
160
200
ns
T8
CRS to RXDV Delay Requirement
40
160
ns
T9
RXD or RXDV or RX_ER setup to RX_CLK rise
time
10
-
ns
5.4.2 SRAM read cycle and write cycle
BMA[16:0]
/BMWR
BMD[7:0]
Symbol
Description
Min
Max
Units
T1
Read Cycle Time
40
-
ns
T2
BMD[7:0] Setup Time
3
-
ns
T3
BMD[7:0] Hold Time
3
-
ns
BMA[16:0]
/BMWR
BMD[7:0]
Symbol
Description
Min
Max
Units
T4
Write Cycle Time
38
-
ns
T5
Write Pulse Wtdth
20
-
ns
T6
BMD[7:0] Data Valid to End of Write
14
-
ns
T7
BMD[7:0] Data Hold from End of Write
1
ns
T1
T3
T2
T4
T7
T5
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com