Electronic Components Datasheet Search
  English  ▼

X  

TPM Datasheet(PDF) 2 Page - AVX Corporation

Part # TPM
Description  Tantalum Ultra Low ESR Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPM Datasheet(HTML) 2 Page - AVX Corporation

  TPM Datasheet HTML 1Page - AVX Corporation TPM Datasheet HTML 2Page - AVX Corporation TPM Datasheet HTML 3Page - AVX Corporation TPM Datasheet HTML 4Page - AVX Corporation TPM Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
94
052218
TPM Multianode
Tantalum Ultra Low ESR Capacitor
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released ratings
(M tolerance only), (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
6.8
685
10
106
D(140)
E(120)
15
156
E(75,100)
22
226
D(70)
E(75,100)
E(60,100)
33
336
D(65)
E(50,65)
47
476
D(100)
D(45,55)
D(55)/E(65)
E(55,65)
68
686
D(40,50)
E(45,55)
100
107
Y(45)(M)
D(40,50)
E(35,45)
E(45,60)
150
157
Y(45)(M)
E(35)
E(30,40)
220
227
Y(30)(M)
D(35)
E(25,40)
U(30,40)
330
337
D(25,35)
D(25,35)
D(35)
E(23,35)
470
477
D(25,35)
D(30)
E(23,30)
E(18,23,30)
U(23,30)
D(25)
E(18,23)
680
687
E(18,23)
U(18,23)
V(23)
D(25,45)
1000
108
D(25)
E(18,23)
E(25)(M)
U(18,23)
V(20)(M)
V(18)
1500
158
E(12,15,18)
E(15,18)
U(18,23)
2200
228
E(18)(M)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com