Electronic Components Datasheet Search
  English  ▼

X  

TPM Datasheet(PDF) 3 Page - AVX Corporation

Part # TPM
Description  Tantalum Ultra Low ESR Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPM Datasheet(HTML) 3 Page - AVX Corporation

  TPM Datasheet HTML 1Page - AVX Corporation TPM Datasheet HTML 2Page - AVX Corporation TPM Datasheet HTML 3Page - AVX Corporation TPM Datasheet HTML 4Page - AVX Corporation TPM Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
052218
95
TPM Multianode
Tantalum Ultra Low ESR Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
2.5 Volt @ 85°C
TPMD108*002#0025
D
1000
2.5
85
1.7
125
25
8
25
3.194
2.874
1.277
3
TPME158*002#0012
E
1500
2.5
85
1.7
125
38
6
12
4.743
4.269
1.897
3
TPME158*002#0015
E
1500
2.5
85
1.7
125
38
6
15
4.243
3.818
1.697
3
TPME158*002#0018
E
1500
2.5
85
1.7
125
38
6
18
3.873
3.486
1.549
3
TPMU158*002#0018
U
1500
2.5
85
1.7
125
30
6
18
4.048
3.643
1.619
3
TPMU158*002#0023
U
1500
2.5
85
1.7
125
30
6
23
3.581
3.223
1.433
3
TPME228M002#0018
E
2200
2.5
85
1.7
125
44
10
18
3.873
3.486
1.549
3
4 Volt @ 85°C
TPMD337*004#0025
D
330
4
85
2.7
125
13.2
8
25
3.194
2.874
1.277
3
TPMD337*004#0035
D
330
4
85
2.7
125
13.2
8
35
2.699
2.429
1.080
3
TPMD477*004#0025
D
470
4
85
2.7
125
18.8
8
25
3.194
2.874
1.277
3
TPMD477*004#0035
D
470
4
85
2.7
125
18.8
8
35
2.699
2.429
1.080
3
TPMD687*004#0025
D
680
4
85
2.7
125
27.2
8
25
3.194
2.874
1.277
3
TPME687*004#0018
E
680
4
85
2.7
125
27
6
18
3.873
3.486
1.549
3
TPME687*004#0023
E
680
4
85
2.7
125
27
6
23
3.426
3.084
1.370
3
TPMD108*004#0025
D
1000
4
85
2.7
125
40
8
25
3.194
2.874
1.277
3
TPMD108*004#0045
D
1000
4
85
2.7
125
40
8
45
2.380
2.142
0.952
3
TPME108*004#0018
E
1000
4
85
2.7
125
40
6
18
3.873
3.486
1.549
3
TPME108*004#0023
E
1000
4
85
2.7
125
40
6
23
3.426
3.084
1.370
3
TPMU108*004#0018
U
1000
4
85
2.7
125
40
6
18
4.048
3.643
1.619
3
TPMU108*004#0023
U
1000
4
85
2.7
125
40
6
23
3.581
3.223
1.433
3
TPMV108*004#0018
V
1000
4
85
2.7
125
40
6
18
3.979
3.581
1.592
3
TPME158*004#0015
E
1500
4
85
2.7
125
40
6
15
4.243
3.818
1.697
3
TPME158*004#0018
E
1500
4
85
2.7
125
40
6
18
3.873
3.486
1.549
3
6.3 Volt @ 85°C
TPMY227M006#0030
Y
220
6.3
85
4
125
13.2
6
30
2.646
2.381
1.058
3
TPMD337*006#0025
D
330
6.3
85
4
125
19.8
8
25
3.194
2.874
1.277
3
TPMD337*006#0035
D
330
6.3
85
4
125
19.8
8
35
2.699
2.429
1.080
3
TPMD477*006#0030
D
470
6.3
85
4
125
28.2
8
30
2.915
2.624
1.166
3
TPME477*006#0018
E
470
6.3
85
4
125
28
6
18
3.873
3.486
1.549
3
TPME477*006#0023
E
470
6.3
85
4
125
28
6
23
3.426
3.084
1.370
3
TPME477*006#0030
E
470
6.3
85
4
125
28
6
30
3.000
2.700
1.200
3
TPME687*006#0018
E
680
6.3
85
4
125
41
6
18
3.873
3.486
1.549
3
TPME687*006#0023
E
680
6.3
85
4
125
41
6
23
3.426
3.084
1.370
3
TPMU687*006#0018
U
680
6.3
85
4
125
41
6
18
4.048
3.643
1.619
3
TPMU687*006#0023
U
680
6.3
85
4
125
41
6
23
3.581
3.223
1.433
3
TPMV687*006#0023
V
680
6.3
85
4
125
41
6
23
3.520
3.168
1.408
3
TPME108M006#0025
E
1000
6.3
85
4
125
63
8
25
3.286
2.958
1.315
3
TPMV108M006#0020
V
1000
6.3
85
4
125
63
8
20
3.775
3.397
1.510
3
10 Volt @ 85°C
TPMY107M010#0045
Y
100
10
85
7
125
10
8
45
2.160
1.944
0.864
3
TPMY157M010#0045
Y
150
10
85
7
125
15
8
45
2.160
1.944
0.864
3
TPMD227*010#0035
D
220
10
85
7
125
22
8
35
2.699
2.429
1.080
3
TPMD337*010#0035
D
330
10
85
7
125
33
8
35
2.699
2.429
1.080
3
TPME337*010#0023
E
330
10
85
7
125
33
6
23
3.426
3.084
1.370
3
TPME337*010#0035
E
330
10
85
7
125
33
6
35
2.777
2.500
1.111
3
TPME477*010#0023
E
470
10
85
7
125
47
6
23
3.426
3.084
1.370
3
TPME477*010#0030
E
470
10
85
7
125
47
6
30
3.000
2.700
1.200
3
TPMU477*010#0023
U
470
10
85
7
125
47
8
23
3.581
3.223
1.433
3
TPMU477*010#0030
U
470
10
85
7
125
47
8
30
3.136
2.822
1.254
3
16 Volt @ 85°C
TPMD476*016#0100
D
47
16
85
10
125
7.5
8
100
1.597
1.437
0.639
3
TPMD686*016#0040
D
68
16
85
10
125
10.9
8
40
2.525
2.272
1.010
3
TPMD686*016#0050
D
68
16
85
10
125
10.9
8
50
2.258
2.032
0.903
3
TPMD107*016#0040
D
100
16
85
10
125
16
8
40
2.525
2.272
1.010
3
TPMD107*016#0050
D
100
16
85
10
125
16
8
50
2.258
2.032
0.903
3
TPME157*016#0030
E
150
16
85
10
125
24
6
30
3.000
2.700
1.200
3
TPME157*016#0040
E
150
16
85
10
125
24
6
40
2.598
2.338
1.039
3
TPME227*016#0025
E
220
16
85
10
125
35
6
25
3.286
2.958
1.315
3
TPME227*016#0040
E
220
16
85
10
125
35
6
40
2.598
2.338
1.039
3
TPMU227*016#0030
U
220
16
85
10
125
35
8
30
3.136
2.822
1.254
3
TPMU227*016#0040
U
220
16
85
10
125
35
8
40
2.716
2.444
1.086
3
20 Volt @ 85°C
TPMD476*020#0045
D
47
20
85
13
125
9.4
8
45
2.380
2.142
0.952
3
TPMD476*020#0055
D
47
20
85
13
125
9.4
8
55
2.153
1.938
0.861
3
TPME107*020#0035
E
100
20
85
13
125
20
6
35
2.777
2.500
1.111
3
TPME107*020#0045
E
100
20
85
13
125
20
6
45
2.449
2.205
0.980
3
TPME157*020#0035
E
150
20
85
13
125
30
10
35
2.777
2.500
1.111
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com