Electronic Components Datasheet Search
  English  ▼

X  

CV211-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CV211-3
Description  UMTS-band Dual-Branch Downconverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CV211-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CV211-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 7 February 2005
CV211-3
UMTS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
Application Circuit: IF = 75 MHz (CV211-3PCB75)
PCB Layout
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Desig.
Component
Size
R1
13
Ω chip resistor
0805
R2, R3, R4, L3, L7
L10, L11
0
Ω chip resistor
0603
R6, R7
3.3
Ω chip resistor
0603
C1, C5, C10, C15
1000 pF chip capacitor
0603
C4, C11
22 pF chip capacitor
0603
C6, C12, C14
.01
μF chip capacitor
0603
C7, C13
100 pF chip capacitor
0603
L1
120 nH chip inductor
0603
L4, L8
150 nH chip inductor
0603
L5, L9
220 nH chip inductor
0805
C2, C3, C8, C9, C16
C17, C19, C20, C21
C22, L2, L6
Do Not Place
U1
CV211-3 WJ Converter
QFN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com