Electronic Components Datasheet Search
  English  ▼

X  

CV211-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CV211-3
Description  UMTS-band Dual-Branch Downconverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CV211-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CV211-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers CV211-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 7 February 2005
CV211-3
UMTS-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
CV211-3PCB75 Application Circuit Performance Plots
ConversionGainvs IFFrequency
LO= 0 dBm, LO= 1875 MHz, low-side LO
6
7
8
9
10
11
65
70
75
80
85
IFFrequency (MHz)
-40° C
+25° C
+85° C
Input IP3 vs IF Frequency
LO= 0 dBm, LO= 1875 MHz, low-side LO
22
24
26
28
30
32
65
70
75
80
85
IFFrequency (MHz)
-40° C
+25° C
+85° C
Input IP2 vs IF Frequency
LO= 0 dBm, LO= 1875 MHz, low-side LO
30
32
34
36
38
40
65
70
75
80
85
IFFrequency (MHz)
-40° C
+25° C
+85° C
ConversionGainvs RF Frequency
25° C, IF = 75 MHz, low-side LO
6
7
8
9
10
11
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
Input IP3 vs RFFrequency
25° C, IF= 75 MHz, low-side LO
22
24
26
28
30
32
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
Input IP2 vs RFFrequency
25° C, IF= 75 MHz, low-side LO
30
32
34
36
38
40
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
LO= -2.5 dBm
LO= 0 dBm
LO= 2.5 dBm
ConversionGainvs RF Frequency
LO= 0 dBm, IF= 75 MHz, low-side LO
6
7
8
9
10
11
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
-40° C
+25° C
+85° C
Input IP3 vs RFFrequency
LO= 0 dBm, IF = 75 MHz, low-side LO
22
24
26
28
30
32
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
-40° C
+25° C
+85° C
Input IP2 vs RFFrequency
LO= 0 dBm, IF = 75 MHz, low-side LO
30
32
34
36
38
40
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
-40° C
+25° C
+85° C
ConversionGainvs RFFrequency
25° C, LO=0 dBm, IF = 75 MHz, low-side LO
6
7
8
9
10
11
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V
Input IP3 vs RFFrequency
25° C, LO=0 dBm, IF = 75 MHz, low-side LO
22
24
26
28
30
32
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V
Input IP2 vs RFFrequency
25° C, LO=0 dBm, IF = 75 MHz, low-side LO
30
32
34
36
38
40
1900
1950
2000
2050
2100
2150
2200
RFFrequency (MHz)
Vdd = 4.9 V
Vdd = 5.0 V
Vdd = 5.1 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com