Electronic Components Datasheet Search
  English  ▼

X  

IRF7338 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7338
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7338 Datasheet(HTML) 2 Page - International Rectifier

  IRF7338 Datasheet HTML 1Page - International Rectifier IRF7338 Datasheet HTML 2Page - International Rectifier IRF7338 Datasheet HTML 3Page - International Rectifier IRF7338 Datasheet HTML 4Page - International Rectifier IRF7338 Datasheet HTML 5Page - International Rectifier IRF7338 Datasheet HTML 6Page - International Rectifier IRF7338 Datasheet HTML 7Page - International Rectifier IRF7338 Datasheet HTML 8Page - International Rectifier IRF7338 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF7338
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
12
—
—
VGS = 0V, ID = 250µA
P-Ch -12
—
—
VGS = 0V, ID = -250µA
N-Ch
—
0.01
—
Reference to 25°C, ID = 1mA
P-Ch
—
-0.01
—
Reference to 25°C, ID = -1mA
—
— 0.034
VGS = 4.5V, ID = 6.0A
‚
—
— 0.060
VGS = 3.0V, ID = 2.0A
‚
—
— 0.150
VGS = -4.5V, ID = -2.9A
‚
—
— 0.200
VGS = -2.7V, ID = -1.5A
‚
N-Ch 0.6
—
1.5
VDS = VGS, ID = 250µA
P-Ch -0.40
—
-1.0
VDS = VGS, ID = -250µA
N-Ch 9.2
—
—
VDS = 6.0V, ID = 6.0A
‚
P-Ch 3.5
—
—
VDS = -6.0V, ID = -1.5A
‚
N-Ch
—
—
20
VDS = 9.6V, VGS = 0V
P-Ch
—
—
-1.0
VDS = -9.6 V, VGS = 0V
N-Ch
—
—
50
VDS = 9.6V, VGS = 0V, TJ = 55°C
P-Ch
—
—
-25
VDS = -9.6V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
N-Ch
––
—
±100 nA
VGS = ± 12V
P-Ch
—
—
±100
VGS = ± 8.0V
N-Ch
—
—
8.6
P-Ch
—
—
6.6
N-Ch
—
—
1.9
P-Ch
—
—
1.3
N-Ch
—
—
3.9
P-Ch
—
—
1.6
N-Ch
—
6.0
—
P-Ch
—
9.6
—
N-Ch
—
7.6
—
P-Ch
—
13
—
N-Ch
—
26
—
P-Ch
—
27
—
N-Ch
—
34
—
P-Ch
—
25
—
N-Ch
—
640
—
P-Ch
—
490
—
N-Ch
—
340
—
P-Ch
—
80
—
N-Ch
—
110
—
P-Ch
—
58
—
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
Ω
V
S
µA
nC
ns
pF
N-Channel
ID = 6.0A, VDS = 6.0V, VGS = 4.5V
P-Channel
ID = -2.9A, VDS = -9.6V, VGS = -4.5 V
N-Channel
VDD = 6.0V, ID = 1.0A, RG = 6.0Ω,
VGS = 4.5V
‚
P-Channel
VDD = -6.0V, ID = -2.9A, RG = 6.0Ω
,
VGS = -4.5V
N-Channel
VGS = 0V, VDS = 9.0V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -9.0V, ƒ = 1.0KHz
N-Ch
P-Ch
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
—
—
6.3
P-Ch
—
—
-3.0
N-Ch
—
—
26
P-Ch
—
—
-13
N-Ch
—
—
1.3
TJ = 25°C, IS = 1.7A, VGS = 0V
‚
P-Ch
—
—
-1.2
TJ = 25°C, IS = -2.9A, VGS = 0V
‚
N-Ch
—
51
76
P-Ch
—
37
56
N-Ch
—
43
64
P-Ch
—
20
30
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.7A, di/dt = 100A/µs
P-Channel
‚
TJ = 25°C, IF = -2.9A, di/dt = -100A/µs
ƒ Surface mounted on 1 in square Cu board.
„ The N-channel MOSFET can withstand 15V VGS max
for up to 24 hours over the life of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com