Electronic Components Datasheet Search
  English  ▼

X  

IRF7338 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7338
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7338 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7338 Datasheet HTML 3Page - International Rectifier IRF7338 Datasheet HTML 4Page - International Rectifier IRF7338 Datasheet HTML 5Page - International Rectifier IRF7338 Datasheet HTML 6Page - International Rectifier IRF7338 Datasheet HTML 7Page - International Rectifier IRF7338 Datasheet HTML 8Page - International Rectifier IRF7338 Datasheet HTML 9Page - International Rectifier IRF7338 Datasheet HTML 10Page - International Rectifier IRF7338 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRF7338
www.irf.com
7
Fig 17. Typical Transfer Characteristics
Fig 16. Typical Output Characteristics
Fig 15. Typical Output Characteristics
Fig 18. Typical Source-Drain Diode
Forward Voltage
P-Channel
0.1
1
10
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-1.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-7.5V
-4.5V
-4.0V
-3.5V
-3.0V
-2.7V
-2.0V
BOTTOM -1.5V
0.1
1
10
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-1.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-7.5V
-4.5V
-4.0V
-3.5V
-3.0V
-2.7V
-2.0V
BOTTOM -1.5V
1.0
2.0
3.0
4.0
-VGS, Gate-to-Source Voltage (V)
1
10
100
TJ = 25°C
TJ = 150°C
VDS = -10V
20µs PULSE WIDTH
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VGS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com