Electronic Components Datasheet Search
  English  ▼

X  

F7338 Datasheet(PDF) 8 Page - International Rectifier

Part # F7338
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7338 Datasheet(HTML) 8 Page - International Rectifier

Back Button F7338 Datasheet HTML 4Page - International Rectifier F7338 Datasheet HTML 5Page - International Rectifier F7338 Datasheet HTML 6Page - International Rectifier F7338 Datasheet HTML 7Page - International Rectifier F7338 Datasheet HTML 8Page - International Rectifier F7338 Datasheet HTML 9Page - International Rectifier F7338 Datasheet HTML 10Page - International Rectifier F7338 Datasheet HTML 11Page - International Rectifier F7338 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRF7338
8
www.irf.com
Fig 19. Normalized On-Resistance
Vs. Temperature
Fig 22. Maximum Avalanche Energy
Vs. Drain Current
Fig 20. Typical On-Resistance Vs. Drain
Current
Fig 21. Typical On-Resistance Vs. Gate
Voltage
P-Channel
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
-4.5V
-3.0A
0
2468
10
12
14
-I D , Drain Current (A)
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
VGS = -2.7V
VGS = -4.5V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-VGS, Gate -to -Source Voltage (V)
0.06
0.08
0.10
0.12
ID = -3.0A
0.00
0.00
0.00
0.01
0.10
1.00
10.00
Time (sec)
0
20
40
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com