Electronic Components Datasheet Search
  English  ▼

X  

F7338 Datasheet(PDF) 9 Page - International Rectifier

Part # F7338
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7338 Datasheet(HTML) 9 Page - International Rectifier

Back Button F7338 Datasheet HTML 4Page - International Rectifier F7338 Datasheet HTML 5Page - International Rectifier F7338 Datasheet HTML 6Page - International Rectifier F7338 Datasheet HTML 7Page - International Rectifier F7338 Datasheet HTML 8Page - International Rectifier F7338 Datasheet HTML 9Page - International Rectifier F7338 Datasheet HTML 10Page - International Rectifier F7338 Datasheet HTML 11Page - International Rectifier F7338 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRF7338
www.irf.com
9
Fig 24. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 23. Typical Capacitance Vs.
Drain-to-Source Voltage
P-Channel
Fig 25. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
-
1
10
100
-VDS, Drain-to-Source Voltage (V)
0
200
400
600
800
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= C gs + C gd , C ds
SHORTED
Crss
= Cgd
Coss = Cds + Cgd
0
2
468
10
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= -9.6V
VDS= -6.0V
ID= -2.9A
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com