Electronic Components Datasheet Search
  English  ▼

X  

FEC Datasheet(PDF) 3 Page - Schurter Inc.

Part # FEC
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEC Datasheet(HTML) 3 Page - Schurter Inc.

  FEC Datasheet HTML 1Page - Schurter Inc. FEC Datasheet HTML 2Page - Schurter Inc. FEC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuseholders
FEC
https://www.schurter.com /PG02
Fuses
Derating Curves
020406080
100
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
All Variants
Holder
Cap
Fuse-Link
Terminal
Degree of Pro-
tection
Remark
Order Number
l
-
5 x 20 or 6.3 x 32mm
Solder
IP 40
-
0031.1631
█
l
-
5 x 20 or 6.3 x 32mm
Quick-Connect 6.3 x 0.8 mm
IP 40
-
0031.1623
█
l
slotted
6.3 x 32mm
Quick-Connect 6.3 x 0.8 mm
IP 40
0031.1623 + 0031.1613
0031.1622
l
Fingergrip
6.3 x 32mm
Quick-Connect 6.3 x 0.8 mm
IP 40
0031.1623 + 0031.1616
0031.1624
l
slotted
5 x 20mm
Quick-Connect 6.3 x 0.8 mm
IP 40
0031.1623 + 0031.1611
0031.1621
l
slotted
5 x 20mm
Solder
IP 40
0031.1631 + 0031.1611
0031.1632
l
slotted
6.3 x 32mm
Solder
IP 40
0031.1631 + 0031.1613
0031.1633
l
Fingergrip
6.3 x 32mm
Solder
IP 40
0031.1631 + 0031.1616
0031.1634
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
Bulk (50 pcs.)
Required Accessory
Description
Caps to FEC
Caps to Holder FEC
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com