Electronic Components Datasheet Search
  English  ▼

X  

FEC Datasheet(PDF) 1 Page - Schurter Inc.

Part # FEC
Description  Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEC Datasheet(HTML) 1 Page - Schurter Inc.

  FEC Datasheet HTML 1Page - Schurter Inc. FEC Datasheet HTML 2Page - Schurter Inc. FEC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholders
FEC
https://www.schurter.com /PG02
Fuses
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
Socket with Slotted Cap
Caps must be ordered separately (see
accessories)
Socket with Fingergrip Cap
See below:
Approvals and Compliances
500 VAC · 4/ 3.2W/10A (VDE) · 600VAC/DC · 20A (UL/CSA)
Description
- Fuseholder for 500 VAC applications
- Cap is available slotted or with fingergrip
- 5x20: 3.2W / 6.3x32: 4W
Applications
- Equipment with three-phase supply (400 VAC)
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Accessories, Detailed request for
product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 or 6.3 x 32 mm
Mounting
Panel Mount, Front Side
Attachment
Fixing Nut
Terminal
Solder or Quick-Connect 6.3 x 0.8 mm
Rated Voltage
500 VAC (VDE), 600 VAC/DC (UL/CSA)
Rated current
10 A (VDE), 20 A (UL/CSA)
Rated Power Acceptance IEC 4/ 3.2 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP 40
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoset, black, UL 94V-0
Material: Terminals
Tin-Plated Copper Alloy
Unit Weight
9 g / 5.36 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Power Rating,
Rated current, Approvals
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Contact Resistance
≤ 10mΩ at 20 mV acc. to IEC 60127-6
Dielectric Strength
> 3 kV
> 4 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
> 6 kV between life parts
Insulation Resistance
> 10 M
Ω between life parts
> 100 M
Ω between life parts
(500 VDC: 1 min)
Overvoltage Category
II acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Admissible Torque on Fixing
Nut
max 1.2 Nm
Panel Thickness
max 9 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FEC
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number:
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FEC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
Caps to Holder FEC
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
15WATT DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FEC15-12D05 ETC-FEC15-12D05 Datasheet
135Kb / 2P
15WATT DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-12D05 ASTRODYNE-FEC15-12D05 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - FEC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1623 SCHURTER-0031.1623 Datasheet
428Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
0031.1681 SCHURTER-0031.1681 Datasheet
227Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FAC SCHURTER-FAC_18 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
FAU SCHURTER-FAU_18 Datasheet
276Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
FUS SCHURTER-FUS Datasheet
432Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-MED SCHURTER-FEU-MED Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
FUS SCHURTER-FUS_V01 Datasheet
433Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com