Electronic Components Datasheet Search
  English  ▼

X  

H.261 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H.261 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button H.261 Datasheet HTML 9Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 10Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 11Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 12Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 13Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 14Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 15Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 16Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
10
Recommendation H.261
(03/93)
T 151 42 40- 93/ d0 6
GBS C
GN
GQU AN T
G SPA RE
GEI
G EI
M B d ata
FIGURE 7/H.261
Structure of group of blocks layer
FIGURE 7/H.261...[D06] = 3 CM
4.2.2.1
Group of blocks start code (GBSC) (16 bits)
A word of 16 bits, 0000 0000 0000 0001.
4.2.2.2
Group number (GN) (4 bits)
Four bits indicating the position of the group of blocks. The bits are the binary representation of the number in Figure 6.
Group numbers 13, 14 and 15 are reserved for future use. Group number 0 is used in the PSC.
4.2.2.3
Quantizer information (GQUANT) (5 bits)
A fixed length codeword of 5 bits which indicates the quantizer to be used in the group of blocks until overridden by any
subsequent MQUANT. The codewords are the natural binary representations of the values of QUANT (see 4.2.4) which,
being half the step sizes, range from 1 to 31.
4.2.2.4
Extra insertion information (GEI) (1 bit)
A bit which when set to “1” signals the presence of the following optional data field.
4.2.2.5
Spare information (GSPARE) (0/8/16 . . . bits)
If GEI is set to “1”, then 9 bits follow consisting of 8 bits of data (GSPARE) and then another GEI bit to indicate if a further
9 bits follow and so on. Encoders must not insert GSPARE until specified by the CCITT. Decoders must be designed to
discard GSPARE if GEI is set to 1. This will allow the CCITT to specify future “backward” compatible additions in
GSPARE.
NOTE – Emulation of start codes may occur if the future specification of GSPARE has no restrictions on the final GSPARE
data bits.
4.2.3
Macroblock layer
Each GOB is divided into 33 macroblocks as shown in Figure 8. A macroblock relates to 16 pels by 16 lines of Y and the
spatially corresponding 8 pels by 8 lines of each of CB and CR.
Data for a macroblock consists of an MB header followed by data for blocks (see Figure 9). MQUANT, MVD and CBP are
present when indicated by MTYPE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com