Electronic Components Datasheet Search
  English  ▼

X  

H.261 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H.261 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button H.261 Datasheet HTML 17Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 18Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 19Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 20Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 21Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 22Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 23Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 24Page - List of Unclassifed Manufacturers H.261 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
18
Recommendation H.261
(03/93)
Run
Level
Code
EOB
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
2
2
2
2
2
3
3
3
3
4
4
4
5
5
5
6
6
7
7
8
8
9
9
10
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Escape
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
1
2
3
4
5
1
2
3
4
1
2
3
1
2
3
1
2
1
2
1
2
1
2
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10
1sa) If first coefficient in block
11s Not first coefficient in block
0100 s
0010 1s
0000 110s
0010 0110 s
0010 0001 s
0000 0010 10s
0000 0001 1101 s
0000 0001 1000 s
0000 0001 0011 s
0000 0001 0000 s
0000 0000 1101 0s
0000 0000 1100 1s
0000 0000 1100 0s
0000 0000 1011 1s
011s
0001 10s
0010 0101 s
0000 0011 00s
0000 0001 1011 s
0000 0000 1011 0s
0000 0000 1010 1s
0101 s
0000 100s
0000 0010 11s
0000 0001 0100 s
0000 0000 1010 0s
0011 1s
0010 0100 s
0000 0001 1100 s
0000 0000 1001 1s
0011 0s
0000 0011 11s
0000 0001 0010 s
0001 11s
0000 0010 01s
0000 0000 1001 0s
0001 01s
0000 0001 1110 s
0001 00s
0000 0001 0101 s
0000 111s
0000 0001 0001 s
0000 101s
0000 0000 1000 1s
0010 0111 s
0000 0000 1000 0s
0010 0011 s
0010 0010 s
0010 0000 s
0000 0011 10s
0000 0011 01s
0000 0010 00s
0000 0001 1111 s
0000 0001 1010 s
0000 0001 1001 s
0000 0001 0111 s
0000 0001 0110 s
0000 0000 1111 1s
0000 0000 1111 0s
0000 0000 1110 1s
0000 0000 1110 0s
0000 0000 1101 1s
0000 01
a)
Never used in INTRA macroblocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com