Electronic Components Datasheet Search
  English  ▼

X  

OLS700 Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # OLS700
Description  Hermetic Surface Mount Isolinear Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

OLS700 Datasheet(HTML) 2 Page - Etron Technology, Inc.

  OLS700 Datasheet HTML 1Page - Etron Technology, Inc. OLS700 Datasheet HTML 2Page - Etron Technology, Inc. OLS700 Datasheet HTML 3Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings
± 1000Vdc
-65
°C to +150°C
-40
°C to +85°C
240
°C
250mW
60mA
100mA
3.0V
100mW
30V
.3V
Coupled
Input to Output Isolation Voltage1
Storage Temperature Range
Operation Temperature Range
Mounting Temperature Range ( 3 minutes max. )
Total Power Dissipation
Input Diode
Average Input Current
Peak Forward Current (
≤ 1mS duration )
Reverse Voltage
Power Dissipation
Output Detector
Reverse Voltage
Forward voltage
LED Emitter
Forward Voltage
Reverse Current
Photodiode Detector
Dark Current
Open Circuit Voltage
ELECTRICAL CHARACTERISTIC
( T
A =
25
°C )
Parameter
Symbol
Min
Typ.
Max Units
Test Conditions
Fig. Note
VF
IR
ID
VOC
1.3
1
500
1.6
10
25
V
µA
nA
mV
IF = 10 mA
VR = 3 V
VR = 15 V, IF = 0 mA
IF = 10 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com