Electronic Components Datasheet Search
  English  ▼

X  

OLS700 Datasheet(PDF) 3 Page - Etron Technology, Inc.

Part # OLS700
Description  Hermetic Surface Mount Isolinear Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

OLS700 Datasheet(HTML) 3 Page - Etron Technology, Inc.

  OLS700 Datasheet HTML 1Page - Etron Technology, Inc. OLS700 Datasheet HTML 2Page - Etron Technology, Inc. OLS700 Datasheet HTML 3Page - Etron Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTIC
( T
A =
25
°C )
Parameter
Symbol
Min
Typ.
Max Units
Test Conditions
Fig. Note
Coupled Characteristics
K1, Servo Current
Gain (IP1/ IF)
Servo Current
K2, Forward Current
Gain (IP2/ IF)
Forward Current
K3, Transfer Gain (K2 / K1)
Frequency Response (-3db)
Phase Response@200KHz
Rise Time
Fall Time
Input-Output Capacitance
Insulation Resistance
Withstand Test Voltage
K1
IP1
K2
IP2
K3
BW
tr
tf
Cio
Rio
WTV
.0020
.0020
0.75
1000
.0030
30
.0030
30
1.00
200
-45
2
2
1.5
10
.0080
.0080
1.25
µA
µA
KHz
Deg.
µs
µs
pF
G
Ω
VDC
IF = 10 mA, Vdet = -15 V
IF = 10 mA, Vdet = -15 V
IF = 10 mA, Vdet = -15 V
IF = 10 mA, Vdet = -15 V
IF = 10 mA, Vdet = -15 V
IF = 10 mA
± 4 mA, RL = 50Ω
IF = 10 mA
± 4 mA, RL = 50Ω
IF = 10 mA
± 4 mA, RL = 50Ω
IF = 10 mA
± 4 mA, RL = 50Ω
f = 1 MHz
Vio = 500 VDC
RH
≤ 50%, Iio ≤ 1 µA, 1 sec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com