Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9103 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC9103
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9103 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC9103 Datasheet HTML 45Page - NXP Semiconductors P89LPC9103 Datasheet HTML 46Page - NXP Semiconductors P89LPC9103 Datasheet HTML 47Page - NXP Semiconductors P89LPC9103 Datasheet HTML 48Page - NXP Semiconductors P89LPC9103 Datasheet HTML 49Page - NXP Semiconductors P89LPC9103 Datasheet HTML 50Page - NXP Semiconductors P89LPC9103 Datasheet HTML 51Page - NXP Semiconductors P89LPC9103 Datasheet HTML 52Page - NXP Semiconductors P89LPC9103 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
9397 750 14655
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2005
49 of 58
Philips Semiconductors
P89LPC9102/9103/9107
8-bit microcontrollers with two-clock accelerated 80C51 core
12. Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
Table 13:
Dynamic characteristics (12 MHz)
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified. [1]
Symbol
Parameter
Conditions
Variable clock
fext =12MHz
Unit
Min
Max
Min
Max
fOSC(RC)
internal RC oscillator frequency
(nominal f = 7.3728 MHz) trimmed
to
±1 % at T
amb =25 °C
clock doubler
option = OFF
(default)
7.189
7.557
7.189
7.557
MHz
internal RC oscillator frequency
(nominal f = 14.7456 MHz)
clock doubler
option = ON,
VDD = 2.7 V to
3.6 V
14.378
15.114
14.378
15.114
MHz
fOSC(WD)
internal watchdog oscillator
frequency (nominal f = 400 kHz)
320
520
320
520
kHz
Tcy(CLK)
clock cycle time
see Figure 19
83
-
-
-
ns
fCLKLP
low power select clock frequency
0
8
-
-
MHz
External clock
fext
external clock frequency
-
-
0
12
MHz
tCHCX
HIGH time
VDD = 2.7 V to
3.6 V; see
Figure 19
33
Tcy(CLK) − tCLCX
33
-
ns
tCLCX
LOW time
33
Tcy(CLK) − tCHCX
33
-
ns
tCLCH
rise time
-
8
-
8
ns
tCHCL
fall time
-
8
-
8
ns
Glitch filter
tgr
glitch rejection
P1.5/RST pin
-
50
-
50
ns
any pin except
P1.5/RST
-
15
-
15
ns
tsa
signal acceptance
P1.5/RST pin
125
-
125
-
ns
any pin except
P1.5/RST
50
-
50
-
ns
Shift register (UART mode 0 - P89LPC9103)
tXLXL
serial port clock cycle time
see Figure 18
16Tcy(CLK)
-
1333
-
ns
tQVXH
output data set-up to clock rising
edge
see Figure 18
13Tcy(CLK)
-
1083
-
ns
tXHQX
output data hold after clock rising
edge
see Figure 18
-Tcy(CLK) + 20
-
103
ns
tXHDX
input data hold after clock rising
edge
see Figure 18
-0
-
0
ns
tXHDV
input data valid to clock rising edge see Figure 18
150
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com